Electronic Components Datasheet Search
  English  ▼

X  

LP5900SD-2.7/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5900SD-2.7/NOPB
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5900SD-2.7/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP5900SD-2.7/NOPB Datasheet HTML 1Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 2Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 3Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 4Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 5Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 6Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 7Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 8Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IN
EN
GND
OUT
OUTPUT
0.47 PF
0.47 PF
INPUT
ENABLE
GND
LP5900
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5900
SNVS358R – JULY 2005 – REVISED JUNE 2016
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits -
Requires No Bypass Capacitor
1
1 Features
1
•
Input Voltage Range, 2.5 V to 5.5 V
•
Output Voltage Range, 1.5 V to 4.5 V
•
Stable with 0.47-
μF Ceramic Input and Output
Capacitors
•
No Noise Bypass Capacitor Required
•
Logic Controlled Enable
•
Thermal-Overload and Short-Circuit Protection
•
−40°C to 125°C Junction Temperature Range for
Operation
•
Output Current, 150 mA
•
Low Output Voltage Noise, 6.5
μVRMS
•
PSRR, 75 dB at 1 kHz
•
Output Voltage Tolerance, ±2%
•
Virturally Zero IQ (Disabled), < 1 µA
•
Very Low IQ (Enabled), 25 μA
•
Start-up Time, 150
μs
•
Low Dropout, 80 mV Typ.
2 Applications
•
Cellular Phones
•
PDA Handsets
•
Wireless LAN Devices
3 Description
The LP5900 is an LDO capable of supplying 150-mA
output current. Designed to meet the requirements of
RF and analog circuits, the LP5900 device provides
low noise, high PSRR, low quiescent current, and low
line transient response figures. Using new innovative
design techniques the LP5900 offers class-leading
device noise performance without a noise bypass
capacitor.
The device is designed to work with 0.47-
μF input
and output ceramic capacitors (no bypass capacitor
required).
The device is available in a DSBGA (YZR) package
and a WSON package; the device is also available in
an extremely thin DSBGA (YPF) package. For all
voltage and package options available today, see the
Package Option Addendum (POA) at the end of this
data sheet. For any other fixed output voltages from
1.5 V to 4.5 V in 25-mV steps and all other package
options, contact your local TI Sales office.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
LP5900
DSBGA (4)
1.108 mm × 1.083 mm (MAX)
WSON (6)
2.50 mm × 2.20 mm (NOM)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LP5900SD-2.7/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5900SD-2.7/NOPB TI1-LP5900SD-2.7/NOPB Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900SD-2.7/NOPB TI2-LP5900SD-2.7/NOPB Datasheet
1Mb / 29P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
REVISED JUNE 2016
LP5900SD-2.7/NOPB.A TI2-LP5900SD-2.7/NOPB.A Datasheet
1Mb / 29P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
REVISED JUNE 2016
More results

Similar Description - LP5900SD-2.7/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5900SD-3.3_NOPB TI1-LP5900SD-3.3_NOPB Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900SD-3.0 TI1-LP5900SD-3.0 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900TLX-2.8 TI1-LP5900TLX-2.8 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI-LP5900_15 Datasheet
1Mb / 30P
LP5900 Ultra Low-Noise, 150-mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI1-LP5910 Datasheet
1Mb / 29P
LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5912 TI1-LP5912 Datasheet
2Mb / 33P
LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912-Q1 TI1-LP5912-Q1 Datasheet
2Mb / 33P
LP5912-Q1 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com