Electronic Components Datasheet Search
  English  ▼

X  

LP5900SD-2.7/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5900SD-2.7/NOPB
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5900SD-2.7/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5900SD-2.7/NOPB Datasheet HTML 7Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 8Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 9Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 10Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 11Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 12Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 13Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 14Page - Texas Instruments LP5900SD-2.7/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
LP5900
www.ti.com
SNVS358R – JULY 2005 – REVISED JUNE 2016
Product Folder Links: LP5900
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Thermal-Overload Protection
Thermal-overload protection disables the output when the junction temperature rises to approximately 160°C
which allows the device to cool. When the junction temperature cools to approximately 140°C, the output is
enabled. Based on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit
may cycle on and off. This thermal cycling limits the dissipation of the regulator and protects it from damage as a
result of overheating.
7.4 Device Functional Modes
7.4.1 Operation with Enable Control
The LP5900 may be switched ON or OFF by a logic input at the EN pin. A high voltage at this pin turns the
device on. When the EN pin is low, the regulator output is off, and the device typically consumes 3 nA. However,
if the application does not require the shutdown feature, the EN pin can be tied to IN pin to keep the regulator
output permanently on. In this case the supply voltage must be fully established 500
μs or less to ensure correct
operation of the start-up circuit. Failure to comply with this condition may cause a delayed start-up time of
several seconds.
A 1 M
Ω pull-down resistor ties the EN input to ground, and this ensures that the device will remain off when the
EN pin is left open circuit. To ensure proper operation, the signal source used to drive the EN input must be able
to swing above and below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics
section under VIL and VIH.
7.4.2 Operation with Minimum Operating Input Voltage (VIN)
The LP5900 does not include any dedicated UVLO circuitry. The LP5900 internal circuitry is not fully functional
until VIN is at least 2.5 V. The output voltage is not regulated until VIN ≥ (VOUT + VDO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com