Electronic Components Datasheet Search
  English  ▼

X  

DS3695 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695
Description  Multipoint RS485/RS422 Transceivers/Repeaters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3695 Datasheet HTML 1Page - National Semiconductor (TI) DS3695 Datasheet HTML 2Page - National Semiconductor (TI) DS3695 Datasheet HTML 3Page - National Semiconductor (TI) DS3695 Datasheet HTML 4Page - National Semiconductor (TI) DS3695 Datasheet HTML 5Page - National Semiconductor (TI) DS3695 Datasheet HTML 6Page - National Semiconductor (TI) DS3695 Datasheet HTML 7Page - National Semiconductor (TI) DS3695 Datasheet HTML 8Page - National Semiconductor (TI) DS3695 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Notes 3, 4) (Continued)
0˚C
≤ T
A ≤ +70˚C, 4.75V < VCC < 5.25V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC
Supply Current
No Load
Driver Outputs Enabled
42
60
mA
(Note 6)
Driver Outputs Disabled
27
40
mA
I
OSD
Driver Short-Circuit Output Current
V
O = −7V (Note 6)
−250
mA
V
O = +12V (Note 6)
+250
mA
I
OSR
Receiver Short-Circuit Output Current
V
O = 0V
−15
−85
mA
Note 2: “Absolute Maximum Ratings” are those beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should
be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
Note 4: All typicals are given for VCC = 5V and TA = 25˚C.
Note 5: Derate linearly at 11.1 mW/˚C to 570 mW at 70˚C.
Note 6: All limits for which Note 5 is applied must be derated by 10% for DS3695T and DS3696T. Other parameters remain the same for this extended temperature
range device (−40˚C
≤ TA ≤ +85˚C).
Switching Characteristics (Notes 4, 7) 0˚C ≤ T
A ≤ +70˚C, 4.75V < VCC < 5.25V unless otherwise specified
Receiver Switching Characteristics
(
Figures 2, 3, 4)
Symbol
Conditions
Min
Typ
Max
Units
t
PLH
C
L = 15 pF
15
25
37
ns
t
PHL
S1 and S2
15
25
37
ns
|t
PLH–tPHL|
Closed
0
ns
t
PLZ
C
L = 15 pF, S2 Open
5
12
16
ns
t
PHZ
C
L = 15 pF, S1 Open
5
12
16
ns
t
PZL
C
L = 15 pF, S2 Open
7
15
20
ns
t
PZH
C
L = 15 pF, S1 Open
7
15
20
ns
Driver Switching Characteristics
Symbol
Conditions
Min
Typ
Max
Units
SINGLE ENDED CHARACTERISTICS (
Figures 5, 6, 7)
t
PLH
R
LDIFF = 60Ω
915
22
ns
t
PHL
C
L1 = CL2 = 100 pF
9
15
22
ns
t
SKEW|tPLH–tPHL|2
8
ns
t
PLZ
C
L = 15 pF, S2 Open
7
15
30
ns
t
PHZ
C
L = 15 pF, S1 Open
7
15
30
ns
t
PZL
C
L = 100 pF, S2 Open
30
35
50
ns
t
PZH
C
L = 100 pF, S1 Open
30
35
50
ns
DIFFERENTIAL CHARACTERISTICS (
Figures 5, 8)
t
r,tf
R
LDIFF = 60Ω
610
18
ns
C
L1 = CL2 = 100 pF
Note 7: Switching Characteristics apply for DS3695, DS3695T, DS3696, DS3697 only.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com