Electronic Components Datasheet Search
  English  ▼

X  

DS3695 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695
Description  Multipoint RS485/RS422 Transceivers/Repeaters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3695 Datasheet HTML 1Page - National Semiconductor (TI) DS3695 Datasheet HTML 2Page - National Semiconductor (TI) DS3695 Datasheet HTML 3Page - National Semiconductor (TI) DS3695 Datasheet HTML 4Page - National Semiconductor (TI) DS3695 Datasheet HTML 5Page - National Semiconductor (TI) DS3695 Datasheet HTML 6Page - National Semiconductor (TI) DS3695 Datasheet HTML 7Page - National Semiconductor (TI) DS3695 Datasheet HTML 8Page - National Semiconductor (TI) DS3695 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS3695/DS3695T/DS3696/DS3697
Multipoint RS485/RS422 Transceivers/Repeaters
General Description
The DS3695, DS3696, and DS3697 are high speed differen-
tial TRI-STATE® bus/line transceivers/repeaters designed to
meet the requirements of EIA standard RS485 with extended
common mode range (+12V to −7V), for multipoint data
transmission.
The driver and receiver outputs feature TRI-STATE capabil-
ity. The driver outputs remain in TRI-STATE over the entire
common mode range of +12V to −7V. Bus faults that cause
excessive power dissipation within the device trigger a ther-
mal shutdown circuit, which forces the driver outputs into the
high impedance state. The DS3696 provides an output pin
TS (thermal shutdown) which reports the occurrence of the
thermal shutdown of the device. This is an “open collector”
pin with an internal 10 k
Ω pull-up resistor. This allows the line
fault outputs of several devices to be wire OR-ed.
Both AC and DC specifications are guaranteed over the 0˚C
to 70˚C temperature and 4.75V to 5.25V supply voltage
range.
Features
n Meets EIA standard RS485 for multipoint bus
transmission and is compatible with RS-422
n 15 ns driver propagation delays with 2 ns skew (typical)
n Single +5V supply
n −7V to +12V bus common mode range permits ±7V
ground difference between devices on the bus
n Thermal shutdown protection
n High impedance to bus with driver in TRI-STATE or with
power off, over the entire common mode range allows
the unused devices on the bus to be powered down
n Combined impedance of a driver output and receiver
input is less than one RS485 unit load, allowing up to 32
transceivers on the bus
n 70 mV typical receiver hysteresis
Connection and Logic Diagrams
Note 1: TS pin was LF (Line Fault) in previous datasheets and reports the occurrence of a thermal shutdown of the device.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS010408-1
Top View
DS010408-12
Top View
DS010408-13
Top View
Order Number DS3695N, DS3695TN,
DS3696N, or DS3697N
See NS Package Number N08E
May 1998
© 1998 National Semiconductor Corporation
DS010408
www.national.com


Similar Part No. - DS3695

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695 NSC-DS3695 Datasheet
257Kb / 10P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695 TI1-DS3695 Datasheet
577Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695 TI1-DS3695 Datasheet
578Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS36950 NSC-DS36950 Datasheet
776Kb / 12P
Quad Differential Bus Transceiver
logo
Texas Instruments
DS36950 TI1-DS36950 Datasheet
518Kb / 17P
Quad Differential Bus Transceiver
More results

Similar Description - DS3695

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com