Electronic Components Datasheet Search
  English  ▼

X  

VT200 Datasheet(PDF) 49 Page - PerkinElmer Optoelectronics

Part # VT200
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT200 Datasheet(HTML) 49 Page - PerkinElmer Optoelectronics

Back Button VT200 Datasheet HTML 45Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 46Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 47Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 48Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 49Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 50Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 51Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 52Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 53Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
44
Typical Performance Curves
Output Resistance vs. Input Current
VTL5C1
Output Resistance vs. Input Current
VTL5C2
Input Characteristics
Response Time
VTL5C1
Response Time
VTL5C2
Notes:
1.
At 1.0 mA and below, units may have substantially higher
resistance than shown in the typical curves. Consult factory if
closely controlled characteristics are required at low input
currents.
2.
Output resistance vs input current transfer curves are given for
the following light adapt conditions:
(1)
25°C — 24 hours @ no input
(2)
25°C — 24 hours @ 40 mA input
(3)
+50°C — 24 hours @ 40 mA input
(4)
–20°C — 24 hours @ 40 mA input
3.
Response time characteristics are based upon test following
adapt condition (2) above.
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com