Electronic Components Datasheet Search
  English  ▼

X  

VT200 Datasheet(PDF) 72 Page - PerkinElmer Optoelectronics

Part # VT200
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT200 Datasheet(HTML) 72 Page - PerkinElmer Optoelectronics

Back Button VT200 Datasheet HTML 68Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 69Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 70Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 71Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 72Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 73Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 74Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 75Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 76Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
67
Application Notes—Analog Optical Isolators
APPLICATION NOTE #2
Handling and Soldering AOIs
All opto components must be handled and soldered with care,
especially those that use a cast or molded plastic and lead frame
construction like the LEDs used in AOIs.
In LED lead frame construction, the emitter chip is mounted directly to
one lead and a wire bond is made from the chip to the other lead. The
encapsulating plastic is the only support for the lead frame. Care must
be taken when forming the leads of plastic opto packages. Excessive
mechanical force can cause the leads to move inside the plastic
package and damage the wire bonds. Weakened bonds can then
“open up” under further mechanical or thermal stressing, producing
open circuits.
In order to form leads safely, it is necessary to firmly lamp the leads
near the base of the package in order not to transfer any force
(particularly tension forces) to the plastic body. This can be
accomplished either through use of properly designed tooling or by
firmly gripping the leads below the base of the package with a pair of
needle nose pliers while the leads are being bent.
Examples of Tooling Fixtures Used to Form Leads
For highest reliability, avoid flush mounting the AOI body on the printed
circuit board. This minimizes mechanical stress set up between the
circuit board and the LED and photocell packages. It also reduces
solder head damage to the packages.
Good printed circuit board layout avoids putting any spreading (plastic
under tension) force on the leads of the LED and photocell.
When hand soldering, it is important to limit the maximum temperature
of the iron by controlling the power. It is best if a 15W or 25W iron is
used. The maximum recommended lead soldering temperature (1/16"
from the case for 5 seconds) is 260°C. An RMA rosin core solder is
recommended.
Sn60 (60% tin / 40% lead) solder is recommended for wave soldering
opto components into printed circuit boards. Other alternatives are
Sn62 and Sn63. The maximum recommended soldering temperature
is 260°C with a maximum duration of 5 seconds.
The amount of tarnish on the leads determines the type of flux to use
when soldering devices with silver plated leads.
Cleaners designed for the removal of tarnish from the leads of
electronic components are acidic and it is best to keep the immersion
time as short as possible (less than 2 seconds) and to immediately
wash all devices thoroughly in ten rinses of deionized water.
Condition of Leads
Recommended Flux
Clear Bright Finish
(Tarnish Free)
RMA - Mildly Activated
Dull Finish
(Minimal Tarnish)
RMA - Mildly Activated
Light Yellow Tint
(Mild Tarnish)
RA - Activated
Light Yellow / Tan Color
(Moderate Tarnish)
AC - Water Soluble,
Organic Acid Flux
Dark Tan / Black Color
(Heavy Tarnish)
Leads Need to be Cleaned
Prior to Soldering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com