Electronic Components Datasheet Search
  English  ▼

X  

TLC59482 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59482
Description  16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59482 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC59482 Datasheet HTML 9Page - Texas Instruments TLC59482 Datasheet HTML 10Page - Texas Instruments TLC59482 Datasheet HTML 11Page - Texas Instruments TLC59482 Datasheet HTML 12Page - Texas Instruments TLC59482 Datasheet HTML 13Page - Texas Instruments TLC59482 Datasheet HTML 14Page - Texas Instruments TLC59482 Datasheet HTML 15Page - Texas Instruments TLC59482 Datasheet HTML 16Page - Texas Instruments TLC59482 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
−3
−2
−1
0
1
2
3
−40
−20
0
20
40
60
80
100
Ambient Temperature (°C)
VCC = 5 V, BC = 3Fh,VOUTn = 0.8 V,IOLCMax = 35 mA
G004
0
10
20
30
40
50
0
8
16
24
32
40
48
56
63
IOLCMax = 45 mA
IOLCMax = 35 mA
IOLCMax = 20 mA
IOLCMax = 10 mA
IOLCMax = 1 mA
BC Data (Decimal)
VCC = 5 V,VOUTn = 0.8 V,TA = +25°C
G005
31
32
33
34
35
36
37
38
39
0
0.5
1
1.5
2
2.5
3
Output Voltage (V)
TA = −40°C
TA = +25°C
TA = +85°C
VCC = 5 V, BC = 3Fh,IOLCMax = 35 mA
G002
−3
−2
−1
0
1
2
3
0
10
20
30
40
50
Output Current (mA)
VCC = 5 V, BC = 3Fh,VOUTn = 0.8 V,TA = +25°C
G003
1
10
100
0
10
20
30
40
50
Output Current (mA)
G000
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
IOLCMax = 45 mA
IOLCMax = 35 mA
IOLCMax = 20 mA
IOLCMax = 10 mA
IOLCMax = 1 mA
Output Voltage (V)
VCC = 5 V, BC = 3Fh,TA = +25°C
G001
TLC59482
www.ti.com
SBVS218 – DECEMBER 2012
TYPICAL CHARACTERISTICS
At TA = +25°C, unless otherwise noted.
Figure 11. REFERENCE RESISTOR
Figure 12. OUTPUT CURRENT
vs OUTPUT CURRENT
vs OUTPUT VOLTAGE
Figure 13. OUTPUT CURRENT
Figure 14. CONSTANT-CURRENT ERROR vs
vs OUTPUT VOLTAGE
OUTPUT CURRENT SET BY EXTERNAL RESISTOR
Figure 15. CONSTANT-CURRENT ERROR
Figure 16. GLOBAL BRIGHTNESS
vs AMBIENT TEMPERATURE
CONTROL LINEARITY
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLC59482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com