Electronic Components Datasheet Search
  English  ▼

X  

TLV0831IP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV0831IP
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0831IP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV0831IP Datasheet HTML 4Page - Texas Instruments TLV0831IP Datasheet HTML 5Page - Texas Instruments TLV0831IP Datasheet HTML 6Page - Texas Instruments TLV0831IP Datasheet HTML 7Page - Texas Instruments TLV0831IP Datasheet HTML 8Page - Texas Instruments TLV0831IP Datasheet HTML 9Page - Texas Instruments TLV0831IP Datasheet HTML 10Page - Texas Instruments TLV0831IP Datasheet HTML 11Page - Texas Instruments TLV0831IP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TLV0831C, TLV0831I
TLV0832C, TLV0832I
3VOLT 8BIT ANALOGTODIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS148 − SEPTEMBER 1996
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
50%
tpd
50%
GND
VOL
VOH
VCC
CLK
DO
50%
tsu
th
th
tsu
50%
VCC
GND
GND
GND
0.4 V
0.4 V
2 V
2 V
DI
0.4 V
CS
CLK
VCC
VCC
Figure 1. TLV0832 Data-Input Timing
Figure 2. Data-Output Timing
VOLTAGE WAVEFORMS
S2 open
S1 closed
10%
10%
90%
tr
VOLTAGE WAVEFORMS
S2 closed
S1 open
DO
Output
tr
S1
S2
LOAD CIRCUIT
(see Note A)
CL
From Output
Under Test
Test
Point
CS
CS
tdis
90%
10%
90%
50%
50%
VCC
GND
GND
GND
GND
VCC
VCC
VCC
VCC
RL
DO
Output
tdis
NOTE A: CL includes probe and jig capacitance.
Figure 3. Output Disable Time Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com