Electronic Components Datasheet Search
  English  ▼

X  

TLV0831IP Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV0831IP
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0831IP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV0831IP Datasheet HTML 5Page - Texas Instruments TLV0831IP Datasheet HTML 6Page - Texas Instruments TLV0831IP Datasheet HTML 7Page - Texas Instruments TLV0831IP Datasheet HTML 8Page - Texas Instruments TLV0831IP Datasheet HTML 9Page - Texas Instruments TLV0831IP Datasheet HTML 10Page - Texas Instruments TLV0831IP Datasheet HTML 11Page - Texas Instruments TLV0831IP Datasheet HTML 12Page - Texas Instruments TLV0831IP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TLV0831C, TLV0831I
TLV0832C, TLV0832I
3VOLT 8BIT ANALOGTODIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS148 − SEPTEMBER 1996
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Vref − Reference Voltage − V
Vref − Reference Voltage − V
VCC = 3.3 V
f(CLK) = 250 kHz
TA = 25°C
4
3
2
1
0
0.25
0.5
0.75
1.0
1.25
0
1.5
10
1.0
0.1
0.01
VI+ = VI− = 0 V
0
2
4
6
8
10
12
14
16
UNADJUSTED OFFSET ERROR
vs
REFERENCE VOLTAGE
LINEARITY ERROR
vs
REFERENCE VOLTAGE
Figure 4
Figure 5
f(CLK) − Clock Frequency − kHz
TA − Free-Air Tempertature − °C
Vref = 3.3 V
f(CLK) = 250 kHz
100
75
50
25
0
−25
0.5
0.45
0.4
0.35
0.3
−50
0.25
LINEARITY ERROR
vs
FREE-AIR TEMPERATURE
LINEARITY ERROR
vs
CLOCK FREQUENCY
600
500
400
300
200
100
2.0
1.8
1.2
1
0.8
0.2
0
0
85
°C
25
°C
−40
°C
Vref = 3.3 V
VCC = 3.3 V
1.6
1.4
0.6
0.4
700
800
Figure 6
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com