Electronic Components Datasheet Search
  English  ▼

X  

TLV0838CPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV0838CPWR
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0838CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV0838CPWR Datasheet HTML 3Page - Texas Instruments TLV0838CPWR Datasheet HTML 4Page - Texas Instruments TLV0838CPWR Datasheet HTML 5Page - Texas Instruments TLV0838CPWR Datasheet HTML 6Page - Texas Instruments TLV0838CPWR Datasheet HTML 7Page - Texas Instruments TLV0838CPWR Datasheet HTML 8Page - Texas Instruments TLV0838CPWR Datasheet HTML 9Page - Texas Instruments TLV0838CPWR Datasheet HTML 10Page - Texas Instruments TLV0838CPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TLV0834C, TLV0834I, TLV0838C, TLV0838I
3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS147B – SEPTEMBER 1996 – REVISED OCTOBER 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC (see clock frequency operating conditions)
2.7
3.3
3.6
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Clock frequency, f(CLK)
VCC = 2.7 V
10
250
kHz
Clock frequency, f(CLK)
VCC = 3.3 V
10
600
kHz
Clock duty cycle (see Note 2)
40%
60%
Pulse duration, CS high, tw
220
ns
Setup time, CS low, SE low, or data valid before CLK
↑, tsu
350
ns
Hold time, data valid after CLK
↑, th
90
ns
Operating free air temperature TA
C suffix
0
70
°C
Operating free-air temperature, TA
I suffix
–40
85
°C
NOTE 2: The clock-duty-cycle range ensures proper operation at all clock frequencies. When a clock frequency is used outside the
recommended duty-cycle range, the minimum pulse duration (high or low) is 1
µs.
electrical characteristics over recommended range of operating free-air temperature, VCC = 3.3 V,
f(CLK) = 250 kHz (unless otherwise noted)
digital section
PARAMETER
TEST CONDITIONS†
C SUFFIX
I SUFFIX
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VOH
High level output voltage
VCC = 3 V,
IOH = – 360 µA
2.8
2.4
V
VOH
High-level output voltage
VCC = 3 V,
IOH = – 10 µA
2.9
2.8
V
VOL
Low-level output voltage
VCC = 3 V,
IOL = 1.6 mA
0.34
0.4
V
IIH
High-level input current
VIH = 3.6 V
0.005
1
0.005
1
µA
IIL
Low-level input current
VIL = 0
– 0.005
–1
– 0.005
–1
µA
IOH
High-level output (source) current
At VOH, DO = 0 V, TA = 25°C
– 6.5
–15
– 6.5
–15
mA
IOL
Low-level output (sink) current
A t VOL, DO = VCC, TA = 25°C
8
16
8
16
mA
IOZ
High-impedance-state output
VO = 3.3 V,
TA = 25°C
0.01
3
0.01
3
µA
IOZ
g
current (DO or SARS)
VO = 0,
TA = 25°C
– 0.01
–3
– 0.01
–3
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All parameters are measured under open-loop conditions with zero common-mode input voltage (unless otherwise specified).
‡ All typical values are at VCC = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com