Electronic Components Datasheet Search
  English  ▼

X  

TLV0838CPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV0838CPWR
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0838CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV0838CPWR Datasheet HTML 7Page - Texas Instruments TLV0838CPWR Datasheet HTML 8Page - Texas Instruments TLV0838CPWR Datasheet HTML 9Page - Texas Instruments TLV0838CPWR Datasheet HTML 10Page - Texas Instruments TLV0838CPWR Datasheet HTML 11Page - Texas Instruments TLV0838CPWR Datasheet HTML 12Page - Texas Instruments TLV0838CPWR Datasheet HTML 13Page - Texas Instruments TLV0838CPWR Datasheet HTML 14Page - Texas Instruments TLV0838CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TLV0834C, TLV0834I, TLV0838C, TLV0838I
3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS147B – SEPTEMBER 1996 – REVISED OCTOBER 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Vref – Reference Voltage – V
10
1
0.1
0.01
VI(+) = VI(–) = 0 V
0
2
4
6
8
10
12
14
16
UNADJUSTED OFFSET ERROR
vs
REFERENCE VOLTAGE
Figure 4
Figure 5
Vref – Reference Voltage – V
VCC = 3.3 V
f(CLK) = 250 kHz
TA = 25°C
4
3
2
1
0
0.25
0.5
0.75
1.0
1.25
0
1.5
LINEARITY ERROR
vs
REFERENCE VOLTAGE
Figure 6
TA – Free-Air Temperature – °C
Vref = 3.3 V
f(CLK) = 250 kHz
100
75
50
25
0
–25
0.5
0.45
0.4
0.35
0.3
–50
0.25
LINEARITY ERROR
vs
FREE-AIR TEMPERATURE
Figure 7
f(CLK) – Clock Frequency – kHz
LINEARITY ERROR
vs
CLOCK FREQUENCY
600
500
400
300
200
100
2.0
1.8
1.2
1
0.8
0.2
0
0
85
°C
25
°C
–40
°C
Vref = 3.3 V
VCC = 3.3 V
1.6
1.4
0.6
0.4
700
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com