Electronic Components Datasheet Search
  English  ▼

X  

TLK2201BRCP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2201BRCP
Description  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201BRCP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK2201BRCP Datasheet HTML 8Page - Texas Instruments TLK2201BRCP Datasheet HTML 9Page - Texas Instruments TLK2201BRCP Datasheet HTML 10Page - Texas Instruments TLK2201BRCP Datasheet HTML 11Page - Texas Instruments TLK2201BRCP Datasheet HTML 12Page - Texas Instruments TLK2201BRCP Datasheet HTML 13Page - Texas Instruments TLK2201BRCP Datasheet HTML 14Page - Texas Instruments TLK2201BRCP Datasheet HTML 15Page - Texas Instruments TLK2201BRCP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
TRANSMITTER/RECEIVER CHARACTERISTICS
CL
5pF
CL
5pF
50 Ω
50 Ω
80%
50%
20%
tr
tr
tf
tf
80%
50%
20%
∼ V
∼ V
∼ V
∼ V
80%
20%
0 V
∼ 1V
∼ −1V
TX+
TX−
VOD
TLK2201B
TLK2201BI
SLLS585C – NOVEMBER 2003 – REVISED FEBRUARY 2008
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rt = 50
Ω
600
850
1100
Vod = |TxD–TxN|
mV
Rt = 75
Ω
800
1050
1200
Rt = 50
Ω
1000
1250
1400
V(cm)
Transmit common mode voltage range
mV
Rt = 75
Ω
1000
1250
1400
Receiver Input voltage requirement,
200
1600
mV
Vid = |RxP - RxN|
Receiver common mode voltage range,
1000
1250
2250
mV
(RxP + RxN)/2
Ilkg(R)
Receiver input leakage current
–350
350
µA
CI
Receiver input capacitance
2
pF
Differential output jitter, Random +
t(TJ)
Serial data total jitter (peak-to-peak)
deterministic, PRBS pattern,
0.24
UI
Rω = 125 MHz
Differential output jitter, PRBS pattern,
t(DJ)
Serial data deterministic jitter (peak-to-peak)
0.12
UI
Rω = 125 MHz
RL = 50 Ω, CL = 5 pF,
tr, tf
Differential signal rise, fall time (20% to 80%)
100
250
ps
See Figure 7 and Figure 8
Differential input jitter, Random +
Serial data jitter tolerance minimum required
deterministic,
0.25
UI
eye opening, (per IEEE-802.3 specification)
Rω = 125 MHz
Receiver data acquisition lock time from
500
µs
powerup
Bit
Data relock time from loss of synchronization
1024
times
TBI modes See Figure 1
19
20
td(Tx latency)
Tx latency
UI
DDR
29
30
mode
TBI modes See Figure 6
21
31
td(Rx latency)
Rx latency
UI
DDR
27
34
mode
Figure 7. Differential and Common-Mode Output Voltage
Figure 8. Transmitter Test Setup
Definitions
12
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TLK2201B TLK2201BI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com