Electronic Components Datasheet Search
  English  ▼

X  

IRF3000 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3000
Description  SMPS MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3000 Datasheet(HTML) 1 Page - International Rectifier

  IRF3000 Datasheet HTML 1Page - International Rectifier IRF3000 Datasheet HTML 2Page - International Rectifier IRF3000 Datasheet HTML 3Page - International Rectifier IRF3000 Datasheet HTML 4Page - International Rectifier IRF3000 Datasheet HTML 5Page - International Rectifier IRF3000 Datasheet HTML 6Page - International Rectifier IRF3000 Datasheet HTML 7Page - International Rectifier IRF3000 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
4/2/02
IRF3000
SMPS MOSFET
HEXFET® Power MOSFET
l High frequency DC-DC converters
Benefits
Applications
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
1.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
1.3
A
IDM
Pulsed Drain Current

13
PD @TA = 25°C
Power Dissipation
„
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
†
8.9
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through † are on page 8
PD- 94423
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max
ID
300V
0.40
W@VGS = 10V
1.6A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance


Similar Part No. - IRF3000

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3000PBF IRF-IRF3000PBF Datasheet
129Kb / 8P
HEXFET Power MOSFET
More results

Similar Description - IRF3000

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF730AS IRF-IRF730AS Datasheet
162Kb / 10P
SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
SMPS MOSFET
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com