Electronic Components Datasheet Search
  English  ▼

X  

TLV2352IP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2352IP
Description  LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2352IP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2352IP Datasheet HTML 3Page - Texas Instruments TLV2352IP Datasheet HTML 4Page - Texas Instruments TLV2352IP Datasheet HTML 5Page - Texas Instruments TLV2352IP Datasheet HTML 6Page - Texas Instruments TLV2352IP Datasheet HTML 7Page - Texas Instruments TLV2352IP Datasheet HTML 8Page - Texas Instruments TLV2352IP Datasheet HTML 9Page - Texas Instruments TLV2352IP Datasheet HTML 10Page - Texas Instruments TLV2352IP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLV2352, TLV2352Y
LinCMOS
™ DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS011B – MAY 1992 – REVISED MARCH 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature†
‡
TLV2352M
PARAMETER
TEST CONDITIONS
TA‡
VDD = 3 V
VDD = 5 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VIC =VICRmin
See Note 4
25
°C
1
5
1
5
mV
VIO
Input offset voltage
VIC = VICRmin, See Note 4
Full range
10
10
mV
IIO
Input offset current
25
°C
1
1
pA
IIO
Input offset current
125
°C
10
10
nA
IIB
Input bias current
25
°C
5
5
pA
IIB
Input bias current
125
°C
20
20
nA
Common mode input
25
°C
0 to 2
0 to 4
VICR
Common-mode input
voltage range
Full range
0 to
1.75
0 to
3.75
V
IOH
High-level output
VID =1V
25
°C
0.1
0.1
nA
IOH
g
current
VID = 1 V
Full range
1
1
µA
VOL
Low-level output
VID =1 V
IOL =2mA
25
°C
115
300
150
400
mV
VOL
voltage
VID = – 1 V,
IOL = 2 mA
Full range
600
700
mV
IOL
Low-level output
current
VID = – 1 V,
VOL = 1.5 V
25
°C
6
16
6
16
mA
IDD
Supply current
VID =1V
No load
25
°C
120
250
140
300
µA
IDD
Supply current
VID = 1 V,
No load
Full range
350
400
µA
† All characteristics are measured with zero common-mode input voltages unless otherwise noted.
‡ Full range is – 55
°C to 125°C. IMPORTANT: See Parameter Measurement Information.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V with VDD = 5 V, 2 V with VDD = 3 V, or
below 400 mV with a 10-k
Ω resistor between the output and VDD. They can be verified by applying the limit value to the input and
checking for the appropriate output state.
switching characteristics, VDD = 3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLV2352M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL = 5.1 kΩ, CL = 100 pF§, See Note 5 100-mV input step with 5-mV overdrive
1400
ns
§ CL includes probe and jig capacitance.
NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses VO = 1 V with
VDD = 3 V or VO = 1.4 V with VDD = 5 V.
switching characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLV2352M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL =51kΩ
CL 100 pF§
See Note 5
100-mV input step with 5-mV overdrive
1300
ns
Response time
RL = 5.1 kΩ, CL = 100 pF§, See Note 5
TTL-level input step
900
ns
§ CL includes probe and jig capacitance.
NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses VO = 1 V with
VDD = 3 V or VO = 1.4 V with VDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com