Electronic Components Datasheet Search
  English  ▼

X  

TLV2352IP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2352IP
Description  LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2352IP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2352IP Datasheet HTML 5Page - Texas Instruments TLV2352IP Datasheet HTML 6Page - Texas Instruments TLV2352IP Datasheet HTML 7Page - Texas Instruments TLV2352IP Datasheet HTML 8Page - Texas Instruments TLV2352IP Datasheet HTML 9Page - Texas Instruments TLV2352IP Datasheet HTML 10Page - Texas Instruments TLV2352IP Datasheet HTML 11Page - Texas Instruments TLV2352IP Datasheet HTML 12Page - Texas Instruments TLV2352IP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TLV2352, TLV2352Y
LinCMOS
™ DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS011B – MAY 1992 – REVISED MARCH 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
550
440
220
110
0
990
330
02
4
6
8
10
12
770
660
880
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
1100
14
16
IOL – Low-Level Output Current – mA
VDD = 3 V
TA = 25°C
Figure 2
150
140
120
110
100
190
130
–75
– 50
– 25
0
25
50
75
170
160
180
100
125
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
No Load
VDD = 5 V
VDD = 3 V
90
Figure 3
0
2
2.5
COMMON-MODE INPUT VOLTAGE RANGE
vs
FREE-AIR TEMPERATURE
3
1.5
0.5
TA – Free-Air Temperature – °C
VDD = 3 V
Negative Limit
Positive Limit
1
– 0.5
–1
– 75
– 50
– 25
0
25
50
75
100
125
Figure 4
25
20
10
5
0
45
15
0
10
20304050
60
35
30
40
OUTPUT FALL TIME
vs
CAPACITIVE LOAD
50
70
80
90
100
CL – Capacitive Load – pF
VDD = 3 V
Overdrive = 10 mV
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com