Electronic Components Datasheet Search
  English  ▼

X  

LP5990 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5990
Description  LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5990 Datasheet(HTML) 3 Page - Texas Instruments

  LP5990 Datasheet HTML 1Page - Texas Instruments LP5990 Datasheet HTML 2Page - Texas Instruments LP5990 Datasheet HTML 3Page - Texas Instruments LP5990 Datasheet HTML 4Page - Texas Instruments LP5990 Datasheet HTML 5Page - Texas Instruments LP5990 Datasheet HTML 6Page - Texas Instruments LP5990 Datasheet HTML 7Page - Texas Instruments LP5990 Datasheet HTML 8Page - Texas Instruments LP5990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LP5990
www.ti.com
SNVS438B – APRIL 2007 – REVISED DECEMBER 2007
OPERATING RATINGS
(1),(2)
VIN: Input Voltage Range
2.2V to 5.5V
VEN: Enable Voltage Range
0 to 5.5V (max)
Recommended Load Current (3)
0 to 200 mA
Junction Temperature Range (TJ)
-40°C to +125°C
Ambient Temperature Range (TA)
(3)
-40°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). See applications section.
THERMAL PROPERTIES
Junction to Ambient Thermal Resistance
θJA
(1)
JEDEC Board (DSBGA) (2)
100.6°C/W
4L Cellphone Board (DSBGA)
174.8°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(2)
Detailed description of the board can be found in JESD51-7
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating junction temperature range
(-40°C
≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to the LP5990 Typical Application Circuit (pg. 1) with: VIN
= VOUT (NOM) + 1.0V, or 2.2V, whichever is higher. VEN = 1.0V, CIN = COUT = 1.0 μF, IOUT = 1.0 mA.
(1), (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage
2.2
5.5
V
ΔVOUT
Output Voltage Tolerance
VIN = (VOUT(NOM) + 1.0V) to 5.5V
−1
1
%
Line Regulation
VIN = (VOUT(NOM) + 1.0V) to 5.5V, IOUT = 1
1
mV
mA
Load Regulation
IOUT = 1 mA to 200 mA
5
15
mV
ILOAD
Load Current
See(3)
0
mA
Maximum Output Current
200
IQ
Quiescent Current (4)
VEN = 1.0V, IOUT = 0 mA
30
75
VEN = 1.0V, IOUT = 200 mA
35
µA
VEN = <0.35V (Disabled)
0.01
VDO
Dropout Voltage(5)
IOUT = 200 mA
160
250
mV
ISC
Short Circuit Current Limit
See(6)
600
mA
PSRR
Power Supply Rejection Ratio (7)
f = 10 kHz, IOUT = 200 mA
55
dB
en
Output Noise Voltage (7)
BW = 10 Hz to 100
V OUT = 1.8V
60
μVRMS
kHz, VIN = 4.2V, IOUT =
V OUT = 2.8V
85
1 mA
TSHUTDOWN
Thermal Shutdown
Temperature
160
°C
Hysteresis
20
Enable Input Thresholds
VIL
Low Input Threshold (VEN)
VIN = 2.2V to 5.5V
0.35
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not specified, but do represent the most
likely norm.
(3)
The device maintains a stable, regulated output voltage without a load current.
(4)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(5)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value. This parameter only applies to output voltages above 2.8V.
(6)
Short Circuit Current is measured with VOUT pulled to 0V.
(7)
This specification is ensured by design.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP5990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com