Electronic Components Datasheet Search
  English  ▼

X  

LP5990 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5990
Description  LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5990 Datasheet(HTML) 5 Page - Texas Instruments

  LP5990 Datasheet HTML 1Page - Texas Instruments LP5990 Datasheet HTML 2Page - Texas Instruments LP5990 Datasheet HTML 3Page - Texas Instruments LP5990 Datasheet HTML 4Page - Texas Instruments LP5990 Datasheet HTML 5Page - Texas Instruments LP5990 Datasheet HTML 6Page - Texas Instruments LP5990 Datasheet HTML 7Page - Texas Instruments LP5990 Datasheet HTML 8Page - Texas Instruments LP5990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LP5990
www.ti.com
SNVS438B – APRIL 2007 – REVISED DECEMBER 2007
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified,CIN = COUT = 1.0µF, VIN = VOUT(NOM) + 1.0V, VEN = 1.0V, IOUT = 1mA , T A = 25°C.
Output Voltage Change vs Temperature
Ground Current vs Load Current
Figure 2.
Figure 3.
Ground Current vs V IN.I LOAD= 1mA
Ground Current vs VIN. I LOAD = 200mA
Figure 4.
Figure 5.
Dropout Voltage
Load Transient Response VOUT = 2.8V
Figure 6.
Figure 7.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com