Electronic Components Datasheet Search
  English  ▼

X  

IRLMS6802 Datasheet(PDF) 6 Page - International Rectifier

Part # IRLMS6802
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS6802 Datasheet(HTML) 6 Page - International Rectifier

  IRLMS6802 Datasheet HTML 1Page - International Rectifier IRLMS6802 Datasheet HTML 2Page - International Rectifier IRLMS6802 Datasheet HTML 3Page - International Rectifier IRLMS6802 Datasheet HTML 4Page - International Rectifier IRLMS6802 Datasheet HTML 5Page - International Rectifier IRLMS6802 Datasheet HTML 6Page - International Rectifier IRLMS6802 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRLMS6802
6
www.irf.com
Micro6 Package Outline
LEAD ASSIGNMENTS
RECOMMENDED FOOTPRINT
DD
D
D
S
G
1
2
3
6
5
4
0 -10
O
O
0.60 (.023 )
0.10 (.004 )
0.20 (.007 )
0.09 (.004 )
6X
1.30 (.051 )
0.90 (.036 )
-C-
0.15 (.006 )
MAX.
1.45 (.057 )
0.90 (.036 )
6 SURFACES
0.10 (.004 )
0.50 (.019 )
0.35 (.014 )
6X
2X
0.95 ( .0375 )
1.75 (.068 )
1.50 (.060 )
-A-
3.00 (.118 )
2.80 (.111 )
-B-
3.00 (.118 )
2.60 (.103 )
1
2
3
6
5
4
6X 0.65 (.025 )
2.20 (.087 )
6X (1.06 (.042 )
2X 0.95 (.0375 )
NOTES :
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : MILLIMETER.
3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES).
0.15 (.006 ) M C A S B S
Micro6 Tape & Reel Information
8mm
FEED DIRECTION
4mm
NOTES :
1. OUTLINE CONFORMS TO EIA-481 & EIA-541.
9.90 ( .390 )
8.40 ( .331 )
178.00
( 7.008 )
MAX.
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com