Electronic Components Datasheet Search
  English  ▼

X  

IRLMS6802 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLMS6802
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS6802 Datasheet(HTML) 1 Page - International Rectifier

  IRLMS6802 Datasheet HTML 1Page - International Rectifier IRLMS6802 Datasheet HTML 2Page - International Rectifier IRLMS6802 Datasheet HTML 3Page - International Rectifier IRLMS6802 Datasheet HTML 4Page - International Rectifier IRLMS6802 Datasheet HTML 5Page - International Rectifier IRLMS6802 Datasheet HTML 6Page - International Rectifier IRLMS6802 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-5.6
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-4.5
A
IDM
Pulsed Drain Current

-45
PD @TA = 25°C
Power Dissipation
2.0
PD @TA = 70°C
Power Dissipation
1.3
Linear Derating Factor
0.016
W/°C
EAS
Single Pulse Avalanche Energy
„
31
mJ
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
01/13/03
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
IRLMS6802
HEXFET® Power MOSFET
These P-Channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit
provides the designer with an extremely efficient device for
use in battery and load management applications.
The
Micro6
 package with its customized leadframe
produces a HEXFETpower MOSFET with RDS(on) 60%
less than a similar size SOT-23. This package is ideal for
applications where printed circuit board space is at a
premium. The unique thermal design and RDS(on) reduction
enables a current-handling increase of nearly 300%
compared to the SOT-23.
VDSS = -20V
RDS(on) = 0.050Ω
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
Top View
1
2
D
G
A
D
D
D
S
3
4
5
6
Micro6
ä
PD- 91848E


Similar Part No. - IRLMS6802

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS6802PBF IRF-IRLMS6802PBF Datasheet
149Kb / 7P
HEXFET Power MOSFET
IRLMS6802TRPBF IRF-IRLMS6802TRPBF Datasheet
154Kb / 7P
Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRLMS6802TRPBF VBSEMI-IRLMS6802TRPBF Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRLMS6802

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com