Electronic Components Datasheet Search
  English  ▼

X  

LP8900 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP8900
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900 Datasheet(HTML) 5 Page - Texas Instruments

  LP8900 Datasheet HTML 1Page - Texas Instruments LP8900 Datasheet HTML 2Page - Texas Instruments LP8900 Datasheet HTML 3Page - Texas Instruments LP8900 Datasheet HTML 4Page - Texas Instruments LP8900 Datasheet HTML 5Page - Texas Instruments LP8900 Datasheet HTML 6Page - Texas Instruments LP8900 Datasheet HTML 7Page - Texas Instruments LP8900 Datasheet HTML 8Page - Texas Instruments LP8900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
LP8900
www.ti.com
SNVS542E – MAY 2008 – REVISED JUNE 2016
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or
correlated using Statistical Quality Control methods. Operation over the temperature specification is ensured by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
The minimum input voltage = VOUT(NOM) + 0.5 V or 1.8 V, whichever is greater.
(3)
Dropout voltage is voltage difference between input and output at which the output voltage drops to 100 mV below its nominal value.
This parameter is only specified for output voltages above 1.8 V.
(4)
The device maintains the regulated output voltage without a load.
(5)
Short circuit current is measured with VOUT pulled to 0 V.
(6)
This electrical specification is ensured by design.
(7)
EN Pin has an internal 3-M
Ω typical, resistor connected to GND.
7.5 Electrical Characteristics
Unless otherwise noted, VEN = 1.2 V, VIN = VOUT + 0.5 V, or 1.8 V, whichever is higher (where VOUT is the higher of VOUT1 and
VOUT2), CIN = COUT = 1 µF, and IOUT = 1 mA. Typical values apply for TA = 25°C; minimum and maximum values apply over the
full junction temperature range for operation,
−40 to +125°C, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
TA = 25°C, see
(2)
1.8
5.5
V
ΔVOUT
Output voltage tolerance
VIN = VOUT(NOM) + 0.5 V to 5.5 V
ILOAD = 1 mA
1%
1%
VIN = 1.8 V to 5.5 V
ILOAD = 1 mA, VOUT = 1.2 V
–2.25%
2.25%
Line regulation error
VIN = VOUT(NOM) + 0.5 V to 5.5 V
IOUT = 1 mA
0.05
%/V
Load regulation error
IOUT = 1 mA to 200 mA
4
9
mV
VDO
Dropout voltage(3)
IOUT = 200 mA
VOUT = 3.6 V
55
82
mV
VOUT = 2.8 V
110
164
VOUT = 1.8 V
185
260
ILOAD
Load current
TA = 25°C, see
(4)
0
mA
See(4)
200
IQ
Quiescent current
VEN1 = 1.2 V, VEN2 = 0 V, IOUT = 0 mA
48
120
µA
VEN1 = 1.2 V, VEN2 = 1.2 V, IOUT = 0 mA
85
200
VEN1 = 1.2 V, VEN2 = 1.2 V, IOUT = 200 mA
210
VEN ≤ 0.4 V
0.003
1
ISC
Short-circuit current limit
VIN = 3.6 V
(5)
600
900
mA
PSRR
Power supply rejection
ratio(6)
ƒ = 1 kHz, IOUT = 200 mA
75
dB
ƒ = 10 kHz, IOUT = 200 mA
65
ƒ = 100 kHz, IOUT = 200 mA
45
ƒ = 1 MHz, IOUT = 200 mA
30
en
Output noise voltage(6)
BW = 10 Hz to 100
kHz,
VIN = 4.2 V, COUT = 1
µF
IOUT = 0 mA
6
µVRMS
IOUT = 1 mA
10
IOUT = 200 mA
6
TSHUTDOWN
Thermal shutdown
Temperature
155
°C
Hysteresis
15
ENABLE CONTROL CHARACTERISTICS
IEN
Maximum input current at
EN input(7)
VEN = 0 V, VIN = 5.5 V
0.003
µA
VEN = VIN = 5.5 V
4
VIL
Low input threshold
VIN = 1.8 V to 5.5 V
0.4
V
VIH
High input threshold
VIN = 1.8 V to 5.5 V
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com