Electronic Components Datasheet Search
  English  ▼

X  

LP8900 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP8900
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP8900 Datasheet HTML 10Page - Texas Instruments LP8900 Datasheet HTML 11Page - Texas Instruments LP8900 Datasheet HTML 12Page - Texas Instruments LP8900 Datasheet HTML 13Page - Texas Instruments LP8900 Datasheet HTML 14Page - Texas Instruments LP8900 Datasheet HTML 15Page - Texas Instruments LP8900 Datasheet HTML 16Page - Texas Instruments LP8900 Datasheet HTML 17Page - Texas Instruments LP8900 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
LP8900
SNVS542E – MAY 2008 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1-µF to 4.7-µF range. Another
important consideration is that tantalum capacitors have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a tantalum capacitor with an ESR value within the stable range, it
would have to be larger in capacitance (which means bigger and more costly) than a ceramic capacitor with the
same ESR value. The ESR of a typical tantalum increases about 2:1 as the temperature goes from 25°C down to
–40°C, so some guard band must be allowed.
9.2.3 Application Curves
1 to 200 mA
Figure 13. OUT1 Load Transient
0 to 200 mA
Figure 14. OUT1 Load Transient
Figure 15. Load Transient
200 mA per channel
Figure 16. Line Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com