Electronic Components Datasheet Search
  English  ▼

X  

TLV2444CD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2444CD
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2444CD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2444CD Datasheet HTML 17Page - Texas Instruments TLV2444CD Datasheet HTML 18Page - Texas Instruments TLV2444CD Datasheet HTML 19Page - Texas Instruments TLV2444CD Datasheet HTML 20Page - Texas Instruments TLV2444CD Datasheet HTML 21Page - Texas Instruments TLV2444CD Datasheet HTML 22Page - Texas Instruments TLV2444CD Datasheet HTML 23Page - Texas Instruments TLV2444CD Datasheet HTML 24Page - Texas Instruments TLV2444CD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 43
–1500
–2000
24
6
0
500
810
t – Time – s
NOISE VOLTAGE
OVER A 10-SECOND PERIOD
0
VDD = 5 V
f = 0.1 Hz to 10
Hz TA = 25°C
1000
1500
2000
– 500
– 1000
13
57
9
Figure 44
10
1 k
10 k
100 k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
0.01
0.1
10
VDD = 3 V
RL = 600 Ω
TA = 25°C
AV = 100
AV = 10
AV = 1
1
100
Figure 45
10
1 k
10 k
100 k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
0.01
0.1
10
VDD = 5 V
RL = 600 Ω
TA = 25°C
AV = 100
AV = 10
AV = 1
1
100
Figure 46
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
1.5
1
2
2.5
3
RL = 600 Ω
CL = 100 pF
f = 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com