Electronic Components Datasheet Search
  English  ▼

X  

TLV2444CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2444CD
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2444CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2444CD Datasheet HTML 9Page - Texas Instruments TLV2444CD Datasheet HTML 10Page - Texas Instruments TLV2444CD Datasheet HTML 11Page - Texas Instruments TLV2444CD Datasheet HTML 12Page - Texas Instruments TLV2444CD Datasheet HTML 13Page - Texas Instruments TLV2444CD Datasheet HTML 14Page - Texas Instruments TLV2444CD Datasheet HTML 15Page - Texas Instruments TLV2444CD Datasheet HTML 16Page - Texas Instruments TLV2444CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
15
10
5
0
–5
–10
–15
–20
–25
23
4
5
6
7
8
9
VDD – Supply Voltage – V
VO = VDD/2
VIC = VDD/2
TA = 25°C
25
20
10
VID = 100 mV
VID = –100 mV
Figure 15
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
15
10
5
0
–5
–10
–15
–20
–25
–75
–50
–25
0
25
50
75
100
TA – Free-Air Temperature – °C
VDD = 5 V
VO = 2.5 V
25
20
125
VID = 100 mV
VID = –100 mV
Figure 16
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
VDD = 3 V
VIC = 1.5 V
RL = 600 Ω
TA = 25°C
–1000 –750 –500 –250
0
VID – Differential Input Voltage – µV
250
500
750
1000
2.5
2
1.5
1
0.5
0
3
Figure 17
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
5
4
3
2
1
0
–1000 –750 –500 –250
0
VID – Differential Input Voltage – µV
VDD = 5 V
VIC = 2.5 V
RL = 600 Ω
TA = 25°C
250
500
750
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com