Electronic Components Datasheet Search
  English  ▼

X  

LM5008 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5008
Description  High Voltage (100V) Step Down Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5008 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5008 Datasheet HTML 5Page - National Semiconductor (TI) LM5008 Datasheet HTML 6Page - National Semiconductor (TI) LM5008 Datasheet HTML 7Page - National Semiconductor (TI) LM5008 Datasheet HTML 8Page - National Semiconductor (TI) LM5008 Datasheet HTML 9Page - National Semiconductor (TI) LM5008 Datasheet HTML 10Page - National Semiconductor (TI) LM5008 Datasheet HTML 11Page - National Semiconductor (TI) LM5008 Datasheet HTML 12Page - National Semiconductor (TI) LM5008 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
High Voltage Start-up Regulator (Continued)
Regulation Comparator
The feedback voltage at FB is compared to an internal 2.5V
reference. In normal operation (the output voltage is regu-
lated), an on-time period is initiated when the voltage at FB
falls below 2.5V. The buck switch will stay on for the on-time,
causing the FB voltage to rise above 2.5V. After the on-time
period, the buck switch will stay off until the FB voltage again
falls below 2.5V. During start-up, the FB voltage will be below
2.5V at the end of each on-time, resulting in the minimum
off-time of 300 ns. Bias current at the FB pin is nominally 100
nA.
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal
2.875V reference. If the voltage at FB rises above 2.875V
the on-time pulse is immediately terminated. This condition
can occur if the input voltage, or the output load, change
suddenly. The buck switch will not turn on again until the
voltage at FB falls below 2.5V.
ON-Time Generator and Shutdown
The on-time for the LM5008 is determined by the R
ON resis-
tor, and is inversely proportional to the input voltage (Vin),
resulting in a nearly constant frequency as Vin is varied over
its range. The on-time equation for the LM5008 is:
T
ON =1.25x10
-10 xR
ON /VIN
(2)
See Figure 3.R
ON should be selected for a minimum on-time
(at maximum V
IN) greater than 400 ns, for proper current
limit operation. This requirement limits the maximum fre-
quency for each application, depending on V
IN and VOUT.
See Figure 4.
The LM5008 can be remotely disabled by taking the R
ON/SD
pin to ground. See Figure 11. The voltage at the R
ON/SD pin
is between 1.5 and 3.0 volts, depending on Vin and the value
of the R
ON resistor.
20097906
FIGURE 10. Self Biased Configuration
20097907
FIGURE 11. Shutdown Implementation
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com