Electronic Components Datasheet Search
  English  ▼

X  

LM5008 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5008
Description  High Voltage (100V) Step Down Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5008 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM5008 Datasheet HTML 7Page - National Semiconductor (TI) LM5008 Datasheet HTML 8Page - National Semiconductor (TI) LM5008 Datasheet HTML 9Page - National Semiconductor (TI) LM5008 Datasheet HTML 10Page - National Semiconductor (TI) LM5008 Datasheet HTML 11Page - National Semiconductor (TI) LM5008 Datasheet HTML 12Page - National Semiconductor (TI) LM5008 Datasheet HTML 13Page - National Semiconductor (TI) LM5008 Datasheet HTML 14Page - National Semiconductor (TI) LM5008 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Applications Information (Continued)
supply this average load current during the maximum on-
time. To keep the input voltage ripple to less than 2V (for this
exercise), C1 calculates to:
Quality ceramic capacitors in this value have a low ESR
which adds only a few millivolts to the ripple. It is the capaci-
tance which is dominant in this case. To allow for the capaci-
tor’s tolerance, temperature effects, and voltage effects, a
1.0 µF, 100V, X7R capacitor will be used.
C4: The recommended value is 0.01µF for C4, as this is
appropriate in the majority of applications. A high quality
ceramic capacitor, with low ESR is recommended as C4
supplies the surge current to charge the buck switch gate at
turn-on. A low ESR also ensures a quick recharge during
each off-time. At minimum Vin, when the on-time is at maxi-
mum, it is possible during start-up that C4 will not fully
recharge during each 300 ns off-time. The circuit will not be
able to complete the start-up, and achieve output regulation.
This can occur when the frequency is intended to be low
(e.g., R
ON = 500K). In this case C4 should be increased so
it can maintain sufficient voltage across the buck switch
driver during each on-time.
C5: This capacitor helps avoid supply voltage transients and
ringing due to long lead inductance at V
IN. A low ESR, 0.1µF
ceramic chip capacitor is recommended, located close to the
LM5008.
FINAL CIRCUIT
The final circuit is shown in Figure 13. The circuit was tested,
and the resulting performance is shown in Figure 6 through
Figure 8 .
PC BOARD LAYOUT
The LM5008 regulation and over-voltage comparators are
very fast, and as such will respond to short duration noise
pulses. Layout considerations are therefore critical for opti-
mum performance. The components at pins 1, 2, 3, 5, and 6
should be as physically close as possible to the IC, thereby
minimizing noise pickup in the PC tracks. The current loop
formed by D1, L1, and C2 should be as small as possible.
The ground connection from C2 to C1 should be as short
and direct as possible.
If the internal dissipation of the LM5008 produces excessive
junction temperatures during normal operation, good use of
the pc board’s ground plane can help considerably to dissi-
pate heat. The exposed pad on the bottom of the LLP-8
package can be soldered to a ground plane on the PC board,
and that plane should extend out from beneath the IC to help
dissipate the heat. Additionally, the use of wide PC board
traces, where possible, can also help conduct heat away
from the IC. Judicious positioning of the PC board within the
end product, along with use of any available air flow (forced
or natural convection) can help reduce the junction
temperatures.
20097922
FIGURE 13. LM5008 Example Circuit
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com