Electronic Components Datasheet Search
  English  ▼

X  

B360L Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # B360L
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

B360L Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  B360L Datasheet HTML 1Page - Diode Semiconductor Korea B360L Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10000
120
100
80
40
20
1000
100
10
1.0
0.1
60
140
0
TJ=125°C
TJ=25°C
3.0
1.0
10
1.0
0.1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0
0.6
1.2
1.8
2.4
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
3.0
NUMBER OF CYCLES AT60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
LEAD TEMPERATURE
B360L
FIG.3--TYPICALFORWARDCHARACTERISTICS
FIG.4--TYPICALREVERSE CHARACTERISTICS
FIG.1--FORWARDDERATINGCURVE
FIG.2--PEAKFORWARDSURGECURRENT
0
1
1 0
1 0 0
T L = 100 C
8. 3m s S i ng l e H a l f S i ne- W av e
( J E D E C M e th o d )
40
100
20
80
60
O
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com