Electronic Components Datasheet Search
  English  ▼

X  

B360L Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # B360L
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

B360L Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  B360L Datasheet HTML 1Page - Diode Semiconductor Korea B360L Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.0± 0.3
1.5± 0.3
8.1± 0.3
0.25± 0.06
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
V
RWS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ord rectified current at
x T
L(SEE FIG.1)
I(AV)
A
Peak forw ard surge current 8.3ms single half-
x sine-w ave superimposed on rated load(JEDEC
x Method)
I
FSM
A
Maximum instantaneous forw ard voltage at
x 3.0A(NOTE.1)
V
F
V
Maximum DC reverse current
@TA=25
℃ 
Operating junction temperature range
TJ
oC
Storage temperature range
T
STG
oC
2.5
I
R
NOTE: 1.Pulse test:300
S pulse width,1%duty cy cle
Typical thermal resitance (NOTE. 2)
oC/W
mA
-55---+150
-55---+150
10
B360L
2. Thermal resitance junction to lead.
REVERSE VOLTAGE: 60 V
CURRENT: 3.0 A
Built-in strain relief
Case: NSMC,molded plastic over
1111passivated chip
SCHOTTKY BARRIER RECTIFIER
Low power loss,high efficiency
Plastic package has Underwriters Laboratory
111 Flammability Classification 94V-0
High temperature soldering guaranteed:250
oC/10
111 seconds at terminals
Polarity: Color band denotes cathode end
Weight:
Terminals:Solder plated, solderable per MIL-STD-750,
1111Method 2026
80
3.0
UNITS
60
60
42
Guardring for overvoltage protection
Low profile package
For surface mounted applications
Metal silicon junction, majority carrier conduction
High surge capability
For use in low voltage high frequency inverters,free
111 wheeling and polarity protection applications
at rated DC blocking voltage
@TA=100
℃
NSMC
RθJL
0.58
24
B360L
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - B360L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B360 DIODES-B360 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B360 FUJI-B360 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B360 WEITRON-B360 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B360 DIODES-B360 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
Galaxy Semi-Conductor H...
B360 BILIN-B360 Datasheet
92Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B360L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com