Electronic Components Datasheet Search
  English  ▼

X  

TLV522 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV522
Description  TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV522 Datasheet(HTML) 2 Page - Texas Instruments

  TLV522 Datasheet HTML 1Page - Texas Instruments TLV522 Datasheet HTML 2Page - Texas Instruments TLV522 Datasheet HTML 3Page - Texas Instruments TLV522 Datasheet HTML 4Page - Texas Instruments TLV522 Datasheet HTML 5Page - Texas Instruments TLV522 Datasheet HTML 6Page - Texas Instruments TLV522 Datasheet HTML 7Page - Texas Instruments TLV522 Datasheet HTML 8Page - Texas Instruments TLV522 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
A
B
2
TLV522
SNOSD27 – MAY 2016
www.ti.com
Product Folder Links: TLV522
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 2
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings ............................................................ 3
6.3
Recommended Operating Ratings............................ 3
6.4
Thermal Information .................................................. 3
6.5
Electrical Characteristics........................................... 4
6.6
Typical Characteristics .............................................. 5
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
8.2
Typical Application: 60 Hz Twin "T" Notch Filter..... 12
8.3
Do's and Don'ts ...................................................... 13
9
Power Supply Recommendations ...................... 14
10
Layout................................................................... 14
10.1
Layout Guidelines ................................................. 14
10.2
Layout Example .................................................... 14
11
Device and Documentation Support ................. 15
11.1
Device Support .................................................... 15
11.2
Documentation Support ....................................... 15
11.3
Community Resources.......................................... 15
11.4
Trademarks ........................................................... 15
11.5
Electrostatic Discharge Caution ............................ 15
11.6
Glossary ................................................................ 15
12
Mechanical, Packaging, and Orderable
Information ........................................................... 15
4 Revision History
DATE
REVISION
NOTES
May 2016
*
Initial release.
5 Pin Configuration and Functions
8-Pin VSSOP
DGK Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
PIN
NAME
1
OUT A
O
Channel A Output
2
–IN A
I
Channel A Inverting Input
3
+IN A
I
Channel A Non-Inverting Input
4
V–
P
Negative (lowest) power supply
5
+IN B
I
Channel B Non-Inverting Input
6
–IN B
I
Channel B Inverting Input
7
OUT B
O
Channel B Output
8
V+
P
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com