Electronic Components Datasheet Search
  English  ▼

X  

TLV522 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV522
Description  TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV522 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV522 Datasheet HTML 9Page - Texas Instruments TLV522 Datasheet HTML 10Page - Texas Instruments TLV522 Datasheet HTML 11Page - Texas Instruments TLV522 Datasheet HTML 12Page - Texas Instruments TLV522 Datasheet HTML 13Page - Texas Instruments TLV522 Datasheet HTML 14Page - Texas Instruments TLV522 Datasheet HTML 15Page - Texas Instruments TLV522 Datasheet HTML 16Page - Texas Instruments TLV522 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
TLV522
www.ti.com
SNOSD27 – MAY 2016
Product Folder Links: TLV522
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application: 60 Hz Twin "T" Notch Filter (continued)
To ensure that the target center frequency is achieved and to maximize the notch depth (Q factor) the filter
needs to be as balanced as possible. To obtain circuit balance, while overcoming limitations of available
standard resistor and capacitor values, use passives in parallel to achieve the 2C and R/2 circuit requirements
for the filter components that connect to ground.
To make sure passive component values stay as expected clean board with alcohol, rinse with deionized water,
and air dry. Make sure board remains in a relatively low humidity environment to minimize moisture which may
increase the conductivity of board components. Also large resistors come with considerable parasitic stray
capacitance which effects can be reduced by cutting out the ground plane below components of concern.
Large resistors are used in the feedback network to minimize battery drain. When designing with large resistors,
resistor thermal noise, op amp current noise, as well as op amp voltage noise, must be considered in the noise
analysis of the circuit. The noise analysis for the circuit in Figure 24 can be done over a bandwidth of 2 kHz,
which takes the conservative approach of overestimating the bandwidth (TLV522 typical GBW/AV is lower). The
total noise at the output is approximately 800 µVpp, which is excellent considering the total consumption of the
circuit is only 900 nA. The dominant noise terms are op amp voltage noise , current noise through the feedback
network (430 µVpp), and current noise through the notch filter network (280 µVpp). Thus the total circuit's noise
is below 1/2 LSB of a 10-bit system with a 2 V reference, which is 1 mV.
8.2.3 Application Curve
Figure 25. 60 Hz Notch Filter Waveform
8.3 Do's and Don'ts
Do properly bypass the power supplies.
Do add series resistance to the output when driving capacitive loads, particularly cables, MUX and ADC inputs.
Do add series current limiting resistors and external schottky clamp diodes if input voltage is expected to exceed
the supplies. Limit the current to 1 mA or less (1 K
Ω per volt).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com