Electronic Components Datasheet Search
  English  ▼

X  

TDA3682ST Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3682ST
Description  Multiple voltage regulator with power switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3682ST Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3682ST Datasheet HTML 2Page - NXP Semiconductors TDA3682ST Datasheet HTML 3Page - NXP Semiconductors TDA3682ST Datasheet HTML 4Page - NXP Semiconductors TDA3682ST Datasheet HTML 5Page - NXP Semiconductors TDA3682ST Datasheet HTML 6Page - NXP Semiconductors TDA3682ST Datasheet HTML 7Page - NXP Semiconductors TDA3682ST Datasheet HTML 8Page - NXP Semiconductors TDA3682ST Datasheet HTML 9Page - NXP Semiconductors TDA3682ST Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2002 Mar 11
6
Philips Semiconductors
Product specification
Multiple voltage regulator with
power switches
TDA3682
Table 1
Enable control pin EN1
Table 2
Enable control pin EN2
Table 3
Enable control pin EN3
Protections
All output pins are fully protected against load dump and
short-circuit (foldback current protection); see Fig.3.
At load dump all regulator outputs will go low, except the
output of regulator 2 (BU5V).
The power switches can withstand ‘loss of ground’. This
means that the ground pin is disconnected and the switch
output is connected to ground.
Backup function
A backup function is present. This is realized by a switch
function which acts like a sort of ideal diode between
pins VP2 and STCP. The forward voltage of this ideal diode
depends on the current flowing through this diode. This
function makes it possible to supply regulator 2 (BU5V)
when no supply voltage is present on pin VP2. A special
application can be made using a backup function by
connecting a capacitor between pin STCP and ground.
When the supply voltage is present on pin VP2 this
capacitor will be charged to a level of VP2 − 0.3 V. This
charge can now be used to supply regulator 2 for a short
period of time when VP2 is switched to 0 V.
The delay time can be calculated using the formula:
Example: VP2 = 14.4 V, VREG2 = 5 V, RL =1kΩ and
Cbackup = 100 µF results in a delay time of 177 ms.
When an overvoltage condition occurs, the voltage on
pin STCP will be limited to approximately 18 V.
EN1
REGULATOR OUTPUT
REG1
L
off
Hon
EN2
REGULATOR OUTPUTS
REG3
REG4
REG5
L
off
off
off
M
on
off
on
H
on
on
off
EN3
POWER SWITCHES
SW1
SW2
L
off
off
M
off
on
Hon
on
MGT170
Vo(REG)
Isc
Io(REG)
Im
Fig.3 Foldback current protection.
t
delay
C
backup
R
L
V
P2
V
REG2
–
0.5
–
V
REG2
-----------------------------------------------
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com