Electronic Components Datasheet Search
  English  ▼

X  

TDA3682ST Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA3682ST
Description  Multiple voltage regulator with power switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3682ST Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA3682ST Datasheet HTML 5Page - NXP Semiconductors TDA3682ST Datasheet HTML 6Page - NXP Semiconductors TDA3682ST Datasheet HTML 7Page - NXP Semiconductors TDA3682ST Datasheet HTML 8Page - NXP Semiconductors TDA3682ST Datasheet HTML 9Page - NXP Semiconductors TDA3682ST Datasheet HTML 10Page - NXP Semiconductors TDA3682ST Datasheet HTML 11Page - NXP Semiconductors TDA3682ST Datasheet HTML 12Page - NXP Semiconductors TDA3682ST Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2002 Mar 11
9
Philips Semiconductors
Product specification
Multiple voltage regulator with
power switches
TDA3682
Notes
1. The quiescent current is measured when RL = ∞ and VEN ≤ 0.8 V.
2. The dropout voltage of a regulator is the voltage difference between VP2 and Vo(REG).
3. The foldback current protection limits the dissipation power at short-circuit.
4. The dropout voltage of regulator 2 is the voltage difference between VSTCP and Vo(REG2) and depends on the load
current (see Fig.6).
5. The dropout voltage of regulator 2 is the voltage difference between VP2 and Vo(REG2) and depends on the load
current (see Fig.7).
Regulator 5: pin REG5 (Io = 5 mA)
Vo(REG5)
output voltage of regulator 5
0.5 mA
≤ I
o ≤ 50 mA
7.87
8.2
8.53
V
10 V
≤ V
P2 ≤ 18 V
7.87
8.2
8.53
V
∆V
line
line regulation
10 V
≤ V
P2 ≤ 18 V
−
350
mV
∆V
load
load regulation
0.5 mA
≤ I
o ≤ 50 mA
−−
100
mV
SVRR
supply voltage ripple rejection
fi = 120 Hz; Vi = 2 V (p-p)
60
70
−
dB
Vdrop
dropout voltage
VP2 =8V; Io = 50 mA; note 2
−
0.2
0.4
V
Im
current limit
Vo >7V
75
−−
mA
Isc
short-circuit current
RL ≤ 0.5 Ω; note 3
20
−−
mA
Power switch 1: pin SW1
Vdrop(SW1)
dropout voltage
Io = 200 mA
−
0.6
0.8
V
Im
current limit
Vo > 11.7 V
0.3
0.55
0.8
A
Power switch 2: pin SW2
Vdrop(SW2)
dropout voltage
Io = 200 mA
−
0.6
0.8
V
Im
current limit
Vo > 11.7 V
0.3
0.55
0.8
A
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com