Electronic Components Datasheet Search
  English  ▼

X  

UCC28811 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28811 Datasheet HTML 6Page - Texas Instruments UCC28811 Datasheet HTML 7Page - Texas Instruments UCC28811 Datasheet HTML 8Page - Texas Instruments UCC28811 Datasheet HTML 9Page - Texas Instruments UCC28811 Datasheet HTML 10Page - Texas Instruments UCC28811 Datasheet HTML 11Page - Texas Instruments UCC28811 Datasheet HTML 12Page - Texas Instruments UCC28811 Datasheet HTML 13Page - Texas Instruments UCC28811 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
14
16
10
20
4
6
2
8
12
18
0
125
-50
50
25
0
100
-25
75
T
J – Junction Temperature – °C
UVLO Hysteresis (UCC28811)
UVLO OFF
UVLO ON (UCC28810)
UVLO Hysteresis (UCC28810)
UVLO ON (UCC28811)
2.54
2.56
2.50
2.44
2.46
2.42
2.48
2.52
2.58
2.40
125
-50
50
25
0
100
-25
75
2.60
T
J – Junction Temperature – °C
1.2
1.4
0.8
1.8
0.4
0.2
0.6
1.0
1.6
0.0
3.0
0
1.5
1.0
0.5
2.5
2.0
V
EAOUT = 3.75 V
V
EAOUT = 3.5 V
V
EAOUT = 3.25 V
V
EAOUT = 3 V
V
EAOUT = 2.75 V
V
INS – Current Reference Generator Input Voltage – V
125
-50
50
25
0
100
-25
75
350
400
250
0
100
150
50
200
300
450
T
J – Junction Temperature – °C
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, VVDD=12 V, –40°C ≤ TA = TJ ≤ 105°C
UVLO THRESHOLD VOLTAGE
INTERNAL REFERENCE VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 5.
Figure 6.
ISENSE INPUT VOLTAGE
CURRENT SENSE TO DRIVER DELAY TIME
vs
vs
CURRENT REFERENCE GENERATOR INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com