Electronic Components Datasheet Search
  English  ▼

X  

UCC28811 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28811 Datasheet HTML 7Page - Texas Instruments UCC28811 Datasheet HTML 8Page - Texas Instruments UCC28811 Datasheet HTML 9Page - Texas Instruments UCC28811 Datasheet HTML 10Page - Texas Instruments UCC28811 Datasheet HTML 11Page - Texas Instruments UCC28811 Datasheet HTML 12Page - Texas Instruments UCC28811 Datasheet HTML 13Page - Texas Instruments UCC28811 Datasheet HTML 14Page - Texas Instruments UCC28811 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
125
-50
50
25
0
100
-25
75
100
90
120
60
70
80
110
T
J – Junction Temperature – °C
2.8
2.0
2.5
2.4
2.2
2.7
2.1
2.6
0.5
0
1.5
-1.5
-1.0
-0.5
1.0
2.3
V
VSENSE – Output Sense Voltage – V
UCC28810
UCC28811
2.60
2.40
2.50
2.45
2.55
-0.012
-0.004
0
0.004
0.008
0.012
-0.008
V
VSENSE – Output Sense Voltage – V
Small Signal View
125
-50
50
25
0
100
-25
75
2.65
2.60
2.80
2.40
2.45
2.55
2.75
2.70
2.50
OVP OFF
OVP ON
T
J – Junction Temperature – °C
UCC28810
UCC28811
www.ti.com.............................................................................................................................................................................................. SLUS865 – OCTOBER 2008
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, VVDD=12 V, –40°C ≤ TA = TJ ≤ 105°C
TRANSCONDUCTANCE
TRANSCONDUCTANCE AMPLIFIER CURRENT
vs
vs
JUNCTION TEMPERATURE
OUTPUT SENSE VOLTAGE
Figure 9.
Figure 10.
TRANSCONDUCTANCE AMPLIFIER CURRENT
OVERVOLTAGE PROTECTION THRESHOLD
vs
vs
OUTPUT SENSE VOLTAGE
JUNCTION TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com