Electronic Components Datasheet Search
  English  ▼

X  

UCC28713 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28713
Description  Constant-Voltage, Constant-Current Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28713 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC28713 Datasheet HTML 17Page - Texas Instruments UCC28713 Datasheet HTML 18Page - Texas Instruments UCC28713 Datasheet HTML 19Page - Texas Instruments UCC28713 Datasheet HTML 20Page - Texas Instruments UCC28713 Datasheet HTML 21Page - Texas Instruments UCC28713 Datasheet HTML 22Page - Texas Instruments UCC28713 Datasheet HTML 23Page - Texas Instruments UCC28713 Datasheet HTML 24Page - Texas Instruments UCC28713 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
64%
66%
68%
70%
72%
74%
76%
78%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Output Power
Efficiency
Efficiency @ 115V RMS
Efficiency @ 230V RMS
LC
S1
CS
D
PA
LC
P
K
R
R
t
N
R
L
´
´
´
´
=
(
)
(
)
OUT
OCC
RUN
OCC
DD
DD(on)
DD(off )
C
V
I
1 mA
I
C
V
V
1 V
´
+
´
=
-
-
UCC28710, UCC28711, UCC28712, UCC28713, UCC28714, UCC28715, UCC28716
www.ti.com
SLUSB86B – NOVEMBER 2012 – REVISED JULY 2015
(24)
9.2.2.7 VS Resistor Divider, Line Compensation, and Cable Compensation
The VS divider resistors determine the output voltage regulation point of the flyback converter, also the high-side
divider resistor (RS1) determines the line voltage at which the controller enables continuous DRV operation. RS1
is initially determined based on transformer auxiliary to primary turns ratio and desired input voltage operating
threshold.
(25)
The low-side VS pin resistor is selected based on desired VO regulation voltage.
(26)
The UCC28710 family can maintain tight constant-current regulation over input line by utilizing the line
compensation feature. The line compensation resistor (RLC) value is determined by current flowing in RS1 and
expected gate drive and MOSFET turn-off delay. Assume a 50-ns internal delay in the UCC28710 family.
(27)
On the UCC28710, UCC28714 and UCC28715 which has adjustable cable compensation, the resistance for the
desired compensation level at the output terminals can be determined using Equation 28.
(28)
9.2.3 Application Curves
Figure 22. Output at Startup at 115-V RMS
Figure 21. Efficiency
(No Load)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: UCC28710 UCC28711 UCC28712 UCC28713 UCC28714 UCC28715 UCC28716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com