Electronic Components Datasheet Search
  English  ▼

X  

UCC28713 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28713
Description  Constant-Voltage, Constant-Current Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28713 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC28713 Datasheet HTML 9Page - Texas Instruments UCC28713 Datasheet HTML 10Page - Texas Instruments UCC28713 Datasheet HTML 11Page - Texas Instruments UCC28713 Datasheet HTML 12Page - Texas Instruments UCC28713 Datasheet HTML 13Page - Texas Instruments UCC28713 Datasheet HTML 14Page - Texas Instruments UCC28713 Datasheet HTML 15Page - Texas Instruments UCC28713 Datasheet HTML 16Page - Texas Instruments UCC28713 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
UCC28710, UCC28711, UCC28712, UCC28713, UCC28714, UCC28715, UCC28716
www.ti.com
SLUSB86B – NOVEMBER 2012 – REVISED JULY 2015
Device Functional Modes (continued)
Figure 13. Simplified Flyback Convertor
(With the Main Voltage Regulation Blocks)
In primary-side control, the output voltage is sensed on the auxiliary winding during the transfer of transformer
energy to the secondary. As shown in Figure 14 it is clear there is a down slope representing a decreasing total
rectifier VF and resistance voltage drop (ISRS) as the secondary current decreases to zero. To achieve an
accurate representation of the secondary output voltage on the auxiliary winding, the discriminator reliably blocks
the leakage inductance reset and ringing, continuously samples the auxiliary voltage during the down slope after
the ringing is diminished, and captures the error signal at the time the secondary winding reaches zero current.
The internal reference on VS is 4.05 V. Temperature compensation on the VS reference voltage of -0.8-mV/°C
offsets the change in the output rectifier forward voltage with temperature. The resistor divider is selected as
outlined in the VS pin description.
Figure 14. Auxiliary Winding Voltage
The UCC28710 family includes a VS signal sampler that signals discrimination methods to ensure an accurate
sample of the output voltage from the auxiliary winding. There are however some details of the auxiliary winding
signal to ensure reliable operation, specifically the reset time of the leakage inductance and the duration of any
subsequent leakage inductance ring. Refer to Figure 15 below for a detailed illustration of waveform criteria to
ensure a reliable sample on the VS pin. The first detail to examine is the duration of the leakage inductance reset
pedestal, tLK_RESET in Figure 15. Because this can mimic the waveform of the secondary current decay, followed
by a sharp downslope, it is important to keep the leakage reset time less than 600 ns for IPRI minimum, and less
than 2.2 µs for IPRI maximum. The second detail is the amplitude of ringing on the VAUX waveform following
tLK_RESET. The peak-to-peak voltage at the VS pin should be less than approximately 100 mVp-p at least 200 ns
before the end of the demagnetization time, tDM. If there is a concern with excessive ringing, it usually occurs
during light or no-load conditions, when tDM is at the minimum. The tolerable ripple on VS is scaled up to the
auxiliary winding voltage by RS1 and RS2, and is equal to 100 mV x (RS1 + RS2) / RS2.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: UCC28710 UCC28711 UCC28712 UCC28713 UCC28714 UCC28715 UCC28716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com