Electronic Components Datasheet Search
  English  ▼

X  

ABLNO Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABLNO
Description  Ultra Low Phase Noise XO / VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLNO Datasheet(HTML) 2 Page - Abracon Corporation

  ABLNO Datasheet HTML 1Page - Abracon Corporation ABLNO Datasheet HTML 2Page - Abracon Corporation ABLNO Datasheet HTML 3Page - Abracon Corporation ABLNO Datasheet HTML 4Page - Abracon Corporation ABLNO Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABLNO
Ultra Low Phase Noise XO / VCXO
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS Compliant
ESD Sensitive
Parameters
Minimum
Typical
Maximum
Units
Notes
Phase Noise (100MHz Carrier)
Vdd=3.3V
@ 10
Hz offset
-88
-82
dBc/Hz
Note #1 & #2
@ 100
Hz offset
-118
-115
dBc/Hz
@ 1,000
Hz offset
-141
-138
dBc/Hz
@ 10,000 Hz offset
-160
-155
dBc/Hz
@ 100,000 Hz offset
-161
-160
dBc/Hz
@ 1,000,000 Hz offset
-165
-160
dBc/Hz
rms Jitter (12kHz ~ 20MHz BW)
< 50
100
Femto
Seconds
0.10 ps Max.
Phase Noise (156.25MHz
Carrier)
Vdd=3.3V
@ 10
Hz offset
-75
-70
dBc/Hz
Note #1 & #2
@ 100
Hz offset
-110
-105
dBc/Hz
@ 1,000
Hz offset
-140
-135
dBc/Hz
@ 10,000 Hz offset
-155
-150
dBc/Hz
@ 100,000 Hz offset
-161
-160
dBc/Hz
@ 1,000,000 Hz offset
-165
-160
dBc/Hz
rms Jitter (12kHz ~ 20MHz BW)
< 50
100
Femto
Seconds
0.10 ps Max.
Electrical Frequency Adjustment
Control Voltage Range (Vc)
0.0
1.65
3.30
Volts
Frequency Pull Range
±28.00
±55.00
ppm
Referenced to the
carrier
Frequency Pull Slope
Positive
Control Voltage Port Impedance
10
kΩ
Control Port Linearity
±10
%
Note #1:
Maximum Phase Noise is verified on 100% of the parts at 25ºC ± 3ºC.
Note #2:
The above specified Phase Noise & Jitter is with the oscillator device configured as a VCXO. In
XO configuration, the Phase Noise will be slightly better at each offset between 10Hz and 10 kHz,
by approximately -3dB to -5dB.
14.3 x 8.7 x 5.5mm
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 10.05.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com