Electronic Components Datasheet Search
  English  ▼

X  

ABLNO Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABLNO
Description  Ultra Low Phase Noise XO / VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLNO Datasheet(HTML) 3 Page - Abracon Corporation

  ABLNO Datasheet HTML 1Page - Abracon Corporation ABLNO Datasheet HTML 2Page - Abracon Corporation ABLNO Datasheet HTML 3Page - Abracon Corporation ABLNO Datasheet HTML 4Page - Abracon Corporation ABLNO Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABLNO
Ultra Low Phase Noise XO / VCXO
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS Compliant
FREQUENCY PULL VERSUS CONTROL VOLTAGE (REFERENCED TO 100.000MHZ)
TYPICAL PHASE NOISE PERFORMANCE
@ 50.00 MHZ CARRIER
TYPICAL PHASE NOISE PERFORMANCE
@ 100.00 MHZ CARRIER
CURRENT DRAIN VERSUS CONTROL VOLTAGE @ VDD =+3.3V
ESD Sensitive
14.3 x 8.7 x 5.5mm
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 10.05.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com