Electronic Components Datasheet Search
  English  ▼

X  

DS3875V Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875V
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875V Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS3875V Datasheet HTML 1Page - National Semiconductor (TI) DS3875V Datasheet HTML 2Page - National Semiconductor (TI) DS3875V Datasheet HTML 3Page - National Semiconductor (TI) DS3875V Datasheet HTML 4Page - National Semiconductor (TI) DS3875V Datasheet HTML 5Page - National Semiconductor (TI) DS3875V Datasheet HTML 6Page - National Semiconductor (TI) DS3875V Datasheet HTML 7Page - National Semiconductor (TI) DS3875V Datasheet HTML 8Page - National Semiconductor (TI) DS3875V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Pin Definition (Continued)
Pin
of Pins
Type
Description
SIGNALS TOFROM THE HOST
(CPU Plus External Interface Logic)
DATA(70)
8
IO
Data bus for the host to access the register bank of the controller
ADD(30)
4
I
Address bits for the register bank of the controller
CS
1I
CHIP SELECT
The host can read or write tofrom the controller
R
W
1
I
Readwrite signal from the host
DSACK
1
O
Data acknowledge pin for host readwrite
SEL
1
I
SELECT
Determines how the controller latches in data A ‘‘1’’ on the pin uses the rising
edge of CS
A ‘‘0’’ on the pin uses the falling edge of DSACK
MGRQ
1I
MESSAGE REQUEST
Indicates to the controller to send an arbitration message
MGTX
1O
MESSAGE TRANSMIT
Indicates the successful transmission of an arbitration message
ERINT
1O
ERROR INTERRUPT
Indicates that an error occurred during the arbitration cycle
MGINT
1O
MESSAGE INTERRUPT
Indicates the reception of an arbitration message
PFINT
1O
POWER FAIL INTERRUPT
Indicates that a powerfail message was received
EXTERNAL LOGIC
IBA
CMPT
1
O
Signal to indicate that the Parallel Protocol controller may assert its bit on the ADDRESS
DATA bus if it is participating in an Idle Bus Arbitration
IBA
S
1
I
This signal indicates that IBA was successful If this module was a competitor in the IBA
competition (BRQ ) then this module is the winner and now the bus master If this module
was the master but did not compete in the IBA competition and IBA was successful then the
M bit (Status register) is negated
AS
CANCEL
1
I
Indicates the start of the disconnection phase of the current master or cancel the current
arbitration cycle
LKD
1I
LOCKED
Signal to indicate that resources have been locked in the current tenure and
hence generate either a dummy cycle if current master or UNLK otherwise (Decoded from
Futurebusa Command port output from Data Path Unit)
UNLK
1O
UNLOCK
Transfer of tenure indication to the parallel protocol controller for unlocking its
resources Generated only if the LKD signal is asserted (To external logic)
FSTR
1O
FIFO STROBE
Signal generated to load an external FIFO for received arbitration messages
CLK
1
I
Clock input to the internal PLL
C1
1
I
External capacitor input for PLL01 mF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com