Electronic Components Datasheet Search
  English  ▼

X  

DS3875V Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875V
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875V Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DS3875V Datasheet HTML 4Page - National Semiconductor (TI) DS3875V Datasheet HTML 5Page - National Semiconductor (TI) DS3875V Datasheet HTML 6Page - National Semiconductor (TI) DS3875V Datasheet HTML 7Page - National Semiconductor (TI) DS3875V Datasheet HTML 8Page - National Semiconductor (TI) DS3875V Datasheet HTML 9Page - National Semiconductor (TI) DS3875V Datasheet HTML 10Page - National Semiconductor (TI) DS3875V Datasheet HTML 11Page - National Semiconductor (TI) DS3875V Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
30 Introduction to DS3875
Arbitration Controller (Continued)
only describes one method of operation This method com-
pletely corresponds to the Unrestricted mode
In the
DS3875 the R-U bit in the CTRL2 register configures the
operation mode of the arbiter On reset the arbiter is placed
in the unrestricted mode in accordance to the 8961 specifi-
cation
Arbitration Competition Settling Time
Distributed Arbitration uses contention logic to select the
winner of the competition cycle The Arbitration competition
begins with all competing modules asserting the most signif-
icant bit AB 7
of the competition number onto the back-
plane lines A bit wise comparison is performed where mod-
ules are allowed to assert the subsequent bits only as long
as that module’s competition number bits thus far asserted
are greater than or equal to the bits seen on the backplane
lines Thus all competing modules begin asserting their
competition numbers onto the backplane lines but at the
end only the winning module will be allowed to assert it’s
competition number onto the backplane lines
When the DS3875 was designed two speeds where al-
lowed in the FBUSabackplane system for the arbitration
competition settling time Slow or fast During the arbitration
cycle modules would indicate if they had a fast or slow
competition settling time If any module indicated that it had
a slow competition settling time then all modules would
compete using the slow competition settling time else the
fast settling time would be used during the competition cy-
cle The DS3875 allows the user to program a fast or a slow
competition settling time One of eight settling times can be
selected for each mode with 16 total possible delay times
The IEEE 8961 specification now allows each module to
use it’s worst case arbitration settling time tA as the mod-
ule’s delay time to determine it’s winlose status for the
arbitration competition The ones and zeros combination in
the competition number plays a significant role in determin-
ing the numbers settling time Several factors are incorpo-
rated into the tA calculation
tpd
Maximum end to end signal propagation delay along
the transmission line (backplane) This is a function
of the maximum length of the transmission line
tint
Delay between a change on any arbitration line
ABx
on the
input to a module and the correspond-
ing
change on that module’s adjacent arbitration
output ab x-1
orabp
as its competition number
is applied to or withdrawn from those bits
text
Delay between a change on any arbitration line
ABx
onthe
input of any other competing module
and the corresponding
changes on that module’s ar-
bitration outputs ab x-1
orabp
as its competi-
tion number is applied to or withdrawn from those
bits
twin
Maximum delay between the time when the arbitra-
tion bus AB 70
becomes stable and equivalent
to cn 70 on the input to a module and the indica-
tion within that module that it is the winner
(Refer to 8961 for more details)
Thus now each module can evaluate it’s winlose condition
when it’s tA time has elapsed During a particular competi-
tion the winning module’s competition number will have the
longest worst case settling time since this is the module that
has placed all of it’s competition number bits onto the
FBUSa
To use the DS3875 in the 8961 compliant mode the user
programs two delay values in the CTRL2 register that are
closest to the calculated worst case settling time for the
particular competition number The F
S bit should corre-
spond to the table (fast or slow) that the most desired delay
resides The CTRL2 register bits PD3 to PD5 program the
delay number that corresponds to the fast mode operation
and PD0 to PD2 program the delay number that corre-
sponds to the slow mode operation Thus a delay that is
closest to the desired delay time should be selected both
from the fast (PD3 to PD5) table and the slow (PD0 to PD2)
table The F
S bit will configure this arbiter in the fast or
slow mode of operation
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com