Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809
Description  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments TLV809 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
V
DD
Transient
Amplitude
Duration
V
IT-
tw
RESET
V
DD
t
d
V
+V
IT
HYS
-
1.1V
ValidOutput
TLV803M, TLV803R
TLV803S, TLV803Z
SBVS157A
– APRIL 2011 – REVISED JUNE 2011
www.ti.com
APPLICATION INFORMATION
VDD TRANSIENT REJECTION
The TLV803 has built-in rejection of fast transients on the VDD pin. The rejection of transients depends on both
the duration and the amplitude of the transient. The amplitude of the transient is measured from the bottom of the
transient to the negative threshold voltage of the TLV803, as shown in Figure 7.
Figure 7. Voltage Transient Measurement
The TLV803 does not respond to transients that are fast duration/low amplitude or long duration/small amplitude.
Figure 4 shows the relationship between the transient amplitude and duration needed to trigger a reset. Any
combination of duration and amplitude above the curve generates a reset signal.
RESET DURING POWER UP/DOWN
The TLV803 output is valid when VDD is greater than 1.1 V. When VDD is less than 1.1 V, the output transistor
turns off and becomes high impedance. The voltage on the RESET pin rises to the voltage level connected to the
pull-up resistor. Figure 8 shows a typical waveform for power-up, assuming the RESET pin has a pull-up resistor
connected to the VDD pin.
Figure 8. Power-Up Response
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TLV803M TLV803R TLV803S TLV803Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com