Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809
Description  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809 Datasheet(HTML) 1 Page - Texas Instruments

  TLV809 Datasheet HTML 1Page - Texas Instruments TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2
3
1
RESET
V
DD
GND
TLV803
DBZPackage
(TopView)
3.3V
TLV803S
DSP/FPGA/ASIC
GND
GND
RESET
RESET
V
DD
3.3-VLDO
GND
OUT
IN
5V
V
DD
TLV803M, TLV803R
TLV803S, TLV803Z
www.ti.com
SBVS157A
– APRIL 2011 – REVISED JUNE 2011
3-Pin Voltage Supervisors
with Active-Low, Open-Drain Reset
Check for Samples: TLV803M, TLV803R, TLV803S, TLV803Z
1
FEATURES
DESCRIPTION
The TLV803 family of supervisory circuits provides
2
•
3-Pin SOT23 Package
circuit initialization and timing supervision, primarily
•
Supply Current: 9
µA (Typical)
for DSPs and processor-based systems.
•
Precision Supply Voltage Monitor:
During power-on, RESET asserts when the supply
2.5 V, 3 V, 3.3 V, 5 V
voltage
(VDD)
becomes
greater
than
1.1
V.
•
Power-On Reset Generator with
Thereafter, the supervisory circuit monitors VDD and
Fixed Delay Time of 200 ms
keeps RESET active as long as VDD remains below
•
Pin-for-Pin Compatible with MAX803
the threshold voltage VIT. An internal timer delays the
•
Temperature Range:
–40°C to +125°C
return of the output to the inactive state (high) to
ensure proper system reset. The delay time (td(typ) =
•
Open-Drain, RESET Output
200 ms) starts after VDD has risen above the
threshold voltage, VIT. When the supply voltage drops
APPLICATIONS
below the VIT threshold voltage, the output becomes
•
DSPs, Microcontrollers, and Microprocessors
active (low) again. All the devices in this family have
•
Wireless Communication Systems
a fixed sense-threshold voltage (VIT) set by an
internal voltage divider.
•
Portable/Battery-Powered Equipment
•
Programmable Controls
The product spectrum is designed for supply voltages
•
Intelligent Instruments
of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are
available in a 3-pin SOT-23 package. The TLV803
•
Industrial Equipment
devices are characterized for operation over a
•
Notebook and Desktop Computers
temperature range of
–40°C to +125°C.
•
Automotive Systems
DEVICE FAMILY COMPARISON
TYPICAL APPLICATION
DEVICE
FUNCTION
TLV803
Open-Drain, RESET Output
TLV809
Push-Pull, RESET Output
TLV810
Push-Pull, RESET Output
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV809 TI1-TLV809 Datasheet
1Mb / 22P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV809 TI2-TLV809 Datasheet
409Kb / 15P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
REVISED JUNE 2011
TLV809 TI2-TLV809 Datasheet
920Kb / 23P
TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
REVISED DECEMBER 2020
More results

Similar Description - TLV809

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
Low Power 5V uP Reset Active LOW, Open - Drain Output
logo
Micrel Semiconductor
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Texas Instruments
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Texas Instruments
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Texas Instruments
TLV803 TI1-TLV803_17 Datasheet
1Mb / 22P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com