Electronic Components Datasheet Search
  English  ▼

X  

IR2133S Datasheet(PDF) 10 Page - International Rectifier

Part # IR2133S
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2133S Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2133S Datasheet HTML 4Page - International Rectifier IR2133S Datasheet HTML 5Page - International Rectifier IR2133S Datasheet HTML 6Page - International Rectifier IR2133S Datasheet HTML 7Page - International Rectifier IR2133S Datasheet HTML 8Page - International Rectifier IR2133S Datasheet HTML 9Page - International Rectifier IR2133S Datasheet HTML 10Page - International Rectifier IR2133S Datasheet HTML 11Page - International Rectifier IR2133S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IR2133/IR2135/IR2233/IR2235(J&S) & (PbF)
10
www.irf.com
Package Dimensions
28-Lead PDIP (wide body)
01-6011
01-3024 02 (MS-011AB)
20
30
40
50
60
70
80
90
100
110
120
1E+2
1E+3
1E+4
1E+5
500V
300V
0V
900V
Figure 14. IR2233J Junction Temperature vs
Frequency Driving (IRG4ZH71KD) Rgate = 5
Ω @
Vcc = 15V
Frequency (Hz)
Figure 13. IR2233J Junction Temperature vs
Frequency Driving (IRG4PH50KD) Rgate = 10
Ω @
Vcc = 15V
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
1E+2
1E+3
1E+4
1E+5
500V 300V
0V
900V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com