Electronic Components Datasheet Search
  English  ▼

X  

UCC2913 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2913 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2913 Datasheet HTML 1Page - Texas Instruments UCC2913 Datasheet HTML 2Page - Texas Instruments UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
5
www.ti.com
DETAILED PIN DESCRIPTIONS (continued)
SD/FLT
This pin provides fault output indication and shutdown control. Interface into and out of this pin is usually
performed through level shift transistors. When 20
µA is sourced into this pin, shutdown drives high causing the
output to disable the N-channel MOSFET pass device. When opened, and under a non-fault condition, the
SD/FLT pin pulls to a low state. When a fault is detected by the fault timer, or undervoltage lockout, this pin drives
to a high state, indicating the output MOSFET is off.
VDD
Current driven with a resistor to a voltage at least 10-V more positive than VSS. Typically a resistor is connected
to ground. The 10-V shunt regulator clamps VDD at 10 V above the VSS pin, and is also used as an output
reference to program the maximum allowable sourcing current.
BLOCK DIAGRAM
1
2
LINEAR
CURRENT
AMPLIFIER
PL
7
OUT
+
–
+
–
IMAX
8
+
–
6
SENSE
5
VSS
4CT
ON–TIME
CONTROL
3
VDD
UVLO
5.0V
REF
LOGIC
SUPPLY
1= UNDERVOLTAGE
+
–
SOURCE
ONLY
SD/FLT
VDD
0.2 V
OVERCURRENT
COMPARATOR
DISABLE
5.0 V
OVERLOAD COMPARATOR
50 mV
UDG–99001
50
VDD
VDD
20
µA
9.5-V SHUNT
REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com