Electronic Components Datasheet Search
  English  ▼

X  

UCC2913 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2913 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments UCC2913 Datasheet HTML 10Page - Texas Instruments UCC2913 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
7
www.ti.com
APPLICATION INFORMATION
During a fault, CT charges at a rate determined by the internal charging current and the external timing capacitor.
Once CT charges to 2.5 V, the fault comparator switches and sets the fault latch. Setting of the fault latch causes
both the output to switch off and the charging switch to open. CT must now discharge with the 1-µA current
source, I2, until 0.5 V is reached. Once the voltage at CT reaches 0.5 V, the fault latch resets, which re-enables
the output and allows the fault circuitry to regain control of the charging switch. If a fault is still present, the fault
comparator closes the charging switch causing the cycle to begin. Under a constant fault, the duty cycle is given
by:
Duty Cycle
+
1
mA
I
PL ) 36 mA
Average power dissipation in the pass element is given by:
P
FET(avg) + VFET
IMAX
1
mA
I
PL ) 36 mA
Where VFET >> 5 V IPL can be approximated as :
I
PL ^
V
FET
R
PL
and where IPL >> 36 µA, the duty cycle can be approximated as :
Duty Cycle
+
1
mA
R
PL
V
FET
Therefore, the maximum average power dissipation in the MOSFET can be approximated by:
P
FET(avg) + VFET
IMAX
1
mA
R
PL
V
FET
+ IMAX
1
mA
R
PL
Notice that in the approximation, VFET cancels. therefore, average power dissipation is limited in the N-channel
MOSFET pass element.
Overload Comparator
The linear amplifier in the UCCx913 ensures that the output N-channel MOSFET does not pass more than IMAX
(which is VIMAX/RS). In the event the output current exceeds the programmed IMAX by 0.2 V/RS (which can only
occur if the output MOSFET is not responding to a command from the device) the CT pin begins charging with
I3, 1 mA, and continue to charge to approximately 8 V. This allows a constant fault to show up on the SD/FLT
pin, and also since the voltage on CT charges past 2.5 V only in an overload fault mode, it can be used for
detection of output FET failure or to build in redundancy in the system.
(6)
(7)
(8)
(9)
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com