Electronic Components Datasheet Search
  English  ▼

X  

DS3886AV Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3886AV
Description  BTL 9-Bit Latching Data Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3886AV Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3886AV Datasheet HTML 1Page - National Semiconductor (TI) DS3886AV Datasheet HTML 2Page - National Semiconductor (TI) DS3886AV Datasheet HTML 3Page - National Semiconductor (TI) DS3886AV Datasheet HTML 4Page - National Semiconductor (TI) DS3886AV Datasheet HTML 5Page - National Semiconductor (TI) DS3886AV Datasheet HTML 6Page - National Semiconductor (TI) DS3886AV Datasheet HTML 7Page - National Semiconductor (TI) DS3886AV Datasheet HTML 8Page - National Semiconductor (TI) DS3886AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.5V
Control Input Voltage
6.5V
Driver Input and Receiver
Output
5.5V
Receiver Input Current
±15 mA
Bus Termination Voltage
2.4V
Power Dissipation at 25˚C
PLCC (V44A)
2.5W
PQFP (VF44B)
1.3W
Derate PLCC Package (V44A)
20 mW/˚C
Derate PQFP Package
(VF44B)
11.1 mW/˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 4
sec.)
260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage (V
CC)
4.5
5.5
V
Bus Termination Voltage (V
T)
2.06
2.14
V
Operating Free Air Temperature
0
70
˚C
DC Electrical Characteristics (Notes 3, 4)
T
A = 0˚ to +70˚C, VCC = 5V ±10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER AND CONTROL INPUT (CD, T/R, An, ACLK, LE and RBYP)
V
IH
Minimum Input High Voltage
2.0
V
V
IL
Maximum Input Low Voltage
0.8
V
I
I
Input Leakage Current
V
IN = V CC = 5.5V
250
µA
I
IH
Input High Current
V
IN = 2.4V, An = CD = 0.5V, T/R = 2.4V
40
µA
I
IL
Input Low Current
V
IN = 0.5V, An = CD = 0.5V, T/R = 2.4V
−10
µA
I
IL
Input Low Current
An Port, An = 0.5V, CD = 0.5V
−100
µA
T/R = 2.4V, RBYp = 2.4V
V
CL
Input Diode Clamp Voltage
I
CLAMP = −12 mA
−1.2
V
DRIVER OUTPUT/RECEIVER INPUT (Bn)
V
OLB
Output Low Bus Voltage
An = T/R = 2.4V, CD = 0.5V, I
OL = 80 mA
0.75
1.0
1.1
V
(Note 4)
I
OFF
Output Off Low Current
An = 0.5V, T/R = 2.4V, Bn = 0.75V, CD = 0.5V
−200
µA
Output Off High Current
An = 0.5V, T/R = 2.4V, Bn = 2.1V, CD = 0.5V
200
µA
Output Off Low Current-Chip Disabled
An = 0.5V, T/R = CD = 2.4V, Bn = 0.75V
−50
µA
Output Off High Current-Chip
Disabled
An = 0.5V, T/R = CD = 2.4V, Bn = 2.1V
50
µA
V
TH
Receiver Input Threshold
T/R = CD = 0.5V
1.47
1.55
1.62
V
V
CLP
Positive Clamp Voltage
V
CC = Max or 0V, Bn = 1 mA
2.4
3.4
4.5
V
V
CC = Max or 0V, Bn = 10 mA
2.9
3.9
5.0
V
V
CLN
Negative Clamp Voltage
I
CLAMP = −12 mA
−1.2
V
RECEIVER OUTPUT (An)
V
OH
Voltage Output High
Bn = 1.1V, I
OH = −2mA, T/R = CD = 0.5V
2.4
3.2
V
V
OL
Voltage Output Low
T/R = CD = 0.5V, Bn = 2.1V, I
OL = 24 mA
0.35
0.5
V
T/R = CD = 0.5V, Bn = 2.1V, I
OL = 8mA
0.30
0.4
V
I
OZ
TRI-STATE Leakage Current
V
IN = 2.4V, CD = 2.4V, T/R = 0.5V,
Bn = 0.75V
10
µA
V
IN = 0.5V, CD = 2.4V, T/R = 0.5V,
Bn = 0.75V
−10
µA
I
OS
Output Short Circuit Current
Bn = 1.1V, T/R = CD = 0.5V (Note 3)
−40
−70
−100
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com