Electronic Components Datasheet Search
  English  ▼

X  

DS3886AV Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3886AV
Description  BTL 9-Bit Latching Data Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3886AV Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS3886AV Datasheet HTML 2Page - National Semiconductor (TI) DS3886AV Datasheet HTML 3Page - National Semiconductor (TI) DS3886AV Datasheet HTML 4Page - National Semiconductor (TI) DS3886AV Datasheet HTML 5Page - National Semiconductor (TI) DS3886AV Datasheet HTML 6Page - National Semiconductor (TI) DS3886AV Datasheet HTML 7Page - National Semiconductor (TI) DS3886AV Datasheet HTML 8Page - National Semiconductor (TI) DS3886AV Datasheet HTML 9Page - National Semiconductor (TI) DS3886AV Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Pin Description (Continued)
nected to the backplane ground). If the external ground floats considerably during transients, precautionary steps should be taken to prevent QGND from moving with
reference to the backplane ground. The receiver threshold should have the same ground reference as the signal coming from the backplane. A voltage offset between
their grounds will degrade the noise margin.
Note 12: The same considerations for ground are used for V CC in reducing lead inductance (see (Note 10) ). QVCC and VCC should be tied together externally. If
live insertion is not supported, the LI pin can be tied together with QV CC and VCC.
CD
T/R
LE
RBYP
ACK
An
Bn
HX
X
X
X
Z
H
LH
X
H
X
L
H
LH
X
H
X
H
L
LH
X
L
X
X
Bn
0
L
H
X
L
L-H
H
L
L
H
X
L
L-H
L
H
LL
H
X
X
H
L
LL
H
X
X
L
H
LLL
X
X
An
0
X
X = High or low logic state
Z = High impedance state
L = Low state
H = High state
L-H = Low to high transition
An0 = no change from previous state
Bn0 = no change from previous state
BTL = high and low state are nominally 2.1V and 1.0V, respectively.
TTL = high and low state are nominally 2.4V and 0.5V, respectively.
Package Thermal Characteristics
Linear Feet per
θ
JA (˚C/W)
Minute Air
44-Pin
44-Pin
Flow (LFPM)
PQFP
PLCC
082
45
225
68
35
500
60
30
900
53
26
Note 13: The above values are typical values and are different from the Absolute Maximum Rating values, which include guardbands.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com