Electronic Components Datasheet Search
  English  ▼

X  

J508 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # J508
Description  Current Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

J508 Datasheet(HTML) 1 Page - Vishay Siliconix

  J508 Datasheet HTML 1Page - Vishay Siliconix J508 Datasheet HTML 2Page - Vishay Siliconix J508 Datasheet HTML 3Page - Vishay Siliconix J508 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
J500 Series
Vishay Siliconix
Document Number: 70196
S-04234—Rev. F, 02-Jul-01
www.vishay.com
3-1
Current Regulator Diodes
J500
J503
J506
J509
J501
J504
J507
J510
J502
J505
J508
J511
PRODUCT SUMMARY
Typ I
Typ I
Part Number
Typ IF
(mA)
POV (V)
Part Number
Typ IF
(mA)
POV (V)
J500
0.24
50
J506
1.40
50
J501
0.33
50
J507
1.80
50
J502
0.43
50
J508
2.40
50
J503
0.56
50
J509
3.00
50
J504
0.75
50
J510
3.60
50
J505
1.00
50
J511
4.70
50
FEATURES
BENEFITS
APPLICATIONS
D Two-Lead PlasticPackage
D Guaranteed "20% Tolerance
D Operation from 1 V (J500–J503)
to 50 V
D Excellent Temperature Stability
D Simple Series Circuitry, No Separate Voltage Source
D Tight Guaranteed Circuit Performance
D Excellent Performance in Low-Voltage/Battery
Circuits and High-Voltage Spike Protection
D High Circuit Stability vs. Temperature
D Constant-Current Supply
D Current-Limiting
D Timing Circuits
DESCRIPTION
The J500 series is a family of
"20% range current regulators
designed for demanding applications in test equipment and
instrumentation. These devices utilize the JFET techniques to
produce a single two-leaded device which is extremely simple
to operate.
With nominal current ranges from 0.24 mA to 4.7 mA, the J500
series will meet a wide array of design requirements.
The low-cost TO-226A package ensures a cost-effective
design solution.
SCHEMATIC DIAGRAM
APPLICATIONS
C
A
1
2
V+
Current
Source
V–
Current
Sink
V+
Out
Linear Ramp Generator
For applications information see AN103.
1
TO-226AA
(TO-92)
Modified
Top View
C
A
2


Similar Part No. - J508

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
J508 LINEAR-J508 Datasheet
223Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
J508 VISHAY-J508 Datasheet
44Kb / 5P
Current Regulator Diodes
02-Jul-01
logo
New Jersey Semi-Conduct...
J508 NJSEMI-J508 Datasheet
632Kb / 2P
Current Regulator Diodes
logo
Micross Components
J508 MICROSS-J508 Datasheet
535Kb / 1P
Linear Systems replaces discontinued Siliconix J508
logo
Calogic, LLC
J508 CALOGIC-J508 Datasheet
208Kb / 2P
Current Regulator Diode
More results

Similar Description - J508

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com