Electronic Components Datasheet Search
  English  ▼

X  

J508 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # J508
Description  Current Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

J508 Datasheet(HTML) 2 Page - Vishay Siliconix

  J508 Datasheet HTML 1Page - Vishay Siliconix J508 Datasheet HTML 2Page - Vishay Siliconix J508 Datasheet HTML 3Page - Vishay Siliconix J508 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J500 Series
Vishay Siliconix
www.vishay.com
3-2
Document Number: 70196
S-04234—Rev. F, 02-Jul-01
ABSOLUTE MAXIMUM RATINGS
Peak Operating Voltage
50 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Derate 2.8 mW/
_C above 25_C
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typa
Max
Unit
Peak Operating Voltageb
POV
IF = 1.1 IF(max)
50
95
Reverse Voltage
VR
IR = 1 mA
0.8
V
Capacitance
CF
VF = 25 V, f = 1 MHz
2.2
pF
Regulator
Currentc
(IF)
Dynamic
Impedanced
(Zd)
Knee
Impedance
(Zk)
Limiting
Voltagee (VL)
Temperature
Coefficient
(
q1)
VF = 25 V
VF = 25 V
VF = 6 V
IF = 0.8 IF(min)
VF = 25 V
0
_C v TA v 100_C
mA
M
W
M
W
V
%/
_C
Part Number
Min
Nom
Max
Min
Typa
Typa
Max
Typa
Typa
J500
0.192
0.24
0.288
4.00
15
2.50
1.2
0.4
0.95
J501
0.264
0.33
0.396
2.20
10
1.60
1.3
0.5
0.81
J502
0.344
0.43
0.516
1.50
7
1.10
1.5
0.6
0.70
J503
0.448
0.56
0.672
1.20
5
0.80
1.7
0.7
0.58
J504
0.600
0.75
0.900
0.80
3.5
0.55
1.9
0.8
0.46
J505
0.800
1.00
1.200
0.50
2
0.40
2.1
0.9
0.33
J506
1.120
1.40
1.680
0.33
1.5
0.25
2.5
1.1
0.19
J507
1.440
1.80
2.160
0.20
1
0.19
2.8
1.3
0.08
J508
1.900
2.40
2.900
0.20
0.7
0.13
3.1
1.5
–0.05
J509
2.400
3.00
3.600
0.15
0.5
0.09
3.5
1.7
–0.14
J510
2.900
3.60
4.300
0.15
0.4
0.07
3.9
1.9
–0.22
J511
3.800
4.70
5.600
0.12
0.3
0.05
4.2
2.1
–0.34
Notes:
NCL
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
b.
Max VF where IF = 1.1 IF(max) is guaranteed.
c.
Pulse test—steady state currents may vary.
d.
Pulse test—steady state impedances may vary.
e.
Min VF required to insure IF = 0.8 IF(min).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com