Electronic Components Datasheet Search
  English  ▼

X  

MPC9448 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC9448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9448 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC9448 Datasheet HTML 3Page - Motorola, Inc MPC9448 Datasheet HTML 4Page - Motorola, Inc MPC9448 Datasheet HTML 5Page - Motorola, Inc MPC9448 Datasheet HTML 6Page - Motorola, Inc MPC9448 Datasheet HTML 7Page - Motorola, Inc MPC9448 Datasheet HTML 8Page - Motorola, Inc MPC9448 Datasheet HTML 9Page - Motorola, Inc MPC9448 Datasheet HTML 10Page - Motorola, Inc MPC9448 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC9448
TIMING SOLUTIONS
7
MOTOROLA
Since this step is well above the threshold region it will not
cause any false clock triggering; however, designers may be
uncomfortable with unwanted reflections on the line. To
better match the impedances when driving multiple lines, the
situation in Figure 6 “Optimized Dual Line Termination”
should be used. In this case, the series terminating resistors
are reduced such that when the parallel combination is added
to the output buffer impedance the line impedance is
perfectly matched.
Figure 6. Optimized Dual Line Termination
17Ω
MPC9448
OUTPUT
BUFFER
RS =16Ω
ZO =50Ω
RS =16Ω
ZO =50Ω
17Ω +16Ω k 16Ω =50Ω k 50Ω
25Ω =25Ω
Power Consumption of the MPC9448 and Thermal
Management
The MPC9448 AC specification is guaranteed for the
entire operating frequency range up to 350 MHz. The
MPC9448 power consumption and the associated long-term
reliability may decrease the maximum frequency limit,
depending on operating conditions such as clock frequency,
supply voltage, output loading, ambient temperture, vertical
convection and thermal conductivity of package and board.
This section describes the impact of these parameters on the
junction temperature and gives a guideline to estimate the
MPC9448 die junction temperature and the associated
device reliability. For a complete analysis of power
consumption as a function of operating conditions and
associated long term device reliability please refer to the
application note AN1545. According the AN1545, the
long-term device reliability is a function of the die junction
temperature:
Table 9. Die junction temperature and MTBF
Junction temperature (°C)
MTBF (Years)
100
20.4
110
9.1
120
4.2
130
2.0
Increased power consumption will increase the die
junction temperature and impact the device reliability
(MTBF). According to the system-defined tolerable MTBF,
the die junction temperature of the MPC9448 needs to be
controlled and the thermal impedance of the board/package
should be optimized. The power dissipated in the MPC9448
is represented in equation 1.
Where ICCQ is the static current consumption of the
MPC9448, CPD is the power dissipation capacitance per
output, (Μ)ΣCL represents the external capacitive output
load, N is the number of active outputs (N is always 12 in
case of the MPC9448). The MPC9448 supports driving
transmission lines to maintain high signal integrity and tight
timing parameters. Any transmission line will hide the lumped
capacitive load at the end of the board trace, therefore, ΣCL is
zero for controlled transmission line systems and can be
eliminated from equation 1. Using parallel termination output
termination results in equation 2 for power dissipation.
In equation 2, P stands for the number of outputs with a
parallel or thevenin termination, VOL,IOL,VOH and IOH are a
function of the output termination technique and DCQ is the
clock signal duty cyle. If transmission lines are used ΣCL is
zero in equation 2 and can be eliminated. In general, the use
of controlled transmission line techniques eliminates the
impact of the lumped capacitive loads at the end lines and
greatly reduces the power dissipation of the device. Equation
3 describes the die junction temperature TJ as a function of
the power consumption.
Where Rthja is the thermal impedance of the package
(junction to ambient) and TA is the ambient temperature.
According to Table 9, the junction temperature can be used to
estimate the long-term device reliability. Further, combining
equation 1 and equation 2 results in a maximum operating
frequency for the MPC9448 in a series terminated
transmission line system, equation 4.
PTOT =
I
CCQ
+ VCC ⋅ fCLOCK ⋅
N⋅C
PD
+
M
CL
⋅V
CC
Equation 1
PTOT = VCC ⋅
I
CCQ
+ VCC ⋅ fCLOCK ⋅
N⋅C
PD
+
M
CL
+
P
DC
Q
⋅ IOH ⋅ VCC − VOH + 1 − DCQ⋅ IOL ⋅ VOL
Equation 2
TJ = TA + PTOT ⋅ Rthja
Equation 3
fCLOCK,MAX =
1
CPD ⋅ N ⋅ V2CC ⋅
TJ,MAX − TA
Rthja
− ICCQ ⋅ VCC
Equation 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com