Electronic Components Datasheet Search
  English  ▼

X  

MPC9448 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC9448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9448 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC9448 Datasheet HTML 4Page - Motorola, Inc MPC9448 Datasheet HTML 5Page - Motorola, Inc MPC9448 Datasheet HTML 6Page - Motorola, Inc MPC9448 Datasheet HTML 7Page - Motorola, Inc MPC9448 Datasheet HTML 8Page - Motorola, Inc MPC9448 Datasheet HTML 9Page - Motorola, Inc MPC9448 Datasheet HTML 10Page - Motorola, Inc MPC9448 Datasheet HTML 11Page - Motorola, Inc MPC9448 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MPC9448
MOTOROLA
TIMING SOLUTIONS
10
Figure 13. Propagation Delay (tPD) Test Reference
Figure 14. Propagation Delay (tPD) Test Reference
Figure 15. Output--to--Output Skew tSK(LH, HL)
The pin--to--pin skew is defined as the worst case difference in
propagation delay between any similar delay path within a
single device
The time from the output controlled edge to the non--controlled
edge, divided by the time between output controlled edges,
expressed as a percentage
VCC
VCC÷2
GND
VCC
VCC÷2
GND
VCC
VCC÷2
GND
tP
T0
DC=(tP ­ T0 x 100%)
VCC
VCC÷2
GND
VCC
VCC÷2
GND
tP(LH)
CCLK
QX
tF
tR
VCC=3.3V
VCC=2.5V
2.4
1.8V
0.55
0.6V
Figure 16. Output Pulse Skew (tSK(P)) Test Reference
Figure 17. Output Duty Cycle (DC)
Figure 18. Output Transition Time Test Reference
The variation in cycle time of a signal between adjacent cycles,
over a random sample of adjacent cycle pairs
TN
TJIT(CC) = |TN --TN+1|
TN+1
Figure 19. Cycle--to--Cycle Jitter
Figure 20. Setup and Hold Time (tS,tH) Test Reference
VCC
VCC÷2
GND
VCC
VCC÷2
GND
CCLK
QX
VCC
VCC÷2
GND
PCLK
QX
PCLK
VCMR
VPP
tSK(LH)
tSK(HL)
tP(HL)
tSK(P) =|tPLH -- tPHL |
tP(LH)
tP(HL)
tP(LH)
tP(HL)
VCC
VCC÷2
GND
VCC
VCC÷2
GND
tS
CCLK
PCLK
CLK_STOP
tH
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com